Electronic Components Datasheet Search
  English  ▼

X  

ADS5404 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5404
Description  Dual 12-Bit 800Msps Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5404 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5404 Datasheet HTML 26Page - Texas Instruments ADS5404 Datasheet HTML 27Page - Texas Instruments ADS5404 Datasheet HTML 28Page - Texas Instruments ADS5404 Datasheet HTML 29Page - Texas Instruments ADS5404 Datasheet HTML 30Page - Texas Instruments ADS5404 Datasheet HTML 31Page - Texas Instruments ADS5404 Datasheet HTML 32Page - Texas Instruments ADS5404 Datasheet HTML 33Page - Texas Instruments ADS5404 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADS5402
SLAS936 – MARCH 2013
www.ti.com
DESCRIPTION OF SERIAL INTERFACE REGISTERS
Register
Register Data
Address
A7-A0 in hex
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
3/4
Dec-
0
ChA
0
0
ChB
0
0
0
0
0
0
0
0
0
Wire
ima-
High/
High/
SPI
tion
Low
Low
Filter
Pass
Pass
EN
D15
3/4 Wire SPI
Enables 4-bit serial interface when set
Default 0
0
3 wire SPI is used with SDIO pin operating as bi-directional I/O port
1
4 wire SPI is used with SDIO pin operating as data input and SDO pin as data output port.
D14
Decimation
2x decimation filter is enabled when bit is set
Filter EN
Default 0
0
Normal operation with data output at full sampling rate
1
2x decimation filter enabled
D12
ChA High/Low
(Decimation filter must be enabled first: set bit D14)
Pass
Default 0
0
Low Pass
1
High Pass
D9
ChB High/Low
(Decimation filter must be enabled first: set bit D14)
Pass
Default 0
0
Low Pass
1
High Pass
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS5402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com