Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
41
Figure 28 Digital Microphone Interface Control
When GPIO1 is configured as DMIC_LR Clock output, the WM8903 outputs a clock which supports
Digital Mic operation at a multiple of the ADC sampling rate, in the range 1-3MHz. The ADC and
Record Path filters must be enabled and the ADC sampling rate must be set in order to ensure
correct operation of all DSP functions associated with the digital microphone. Volume control for the
Digital Microphone Interface signals is provided using the ADC Volume Control.
See “Analogue-to-Digital Converter (ADC)” for details of the ADC Enable and volume control
functions. See “General Purpose Input/Output (GPIO)” for details of configuring the DMIC_LR and
DMIC_DAT functions. See “Clocking and Sample Rates” for the details of the supported clocking
configurations.
When GPIO2/DMIC_DAT is configured as DMIC_DAT input, then this pin is the digital microphone
input. Up to two microphones can share this pin; the two microphones are interleaved as illustrated in
Figure 29.
The digital microphone interface requires that MIC1 transmits a data bit each time that DMIC_LR is
high, and MIC2 transmits when DMIC_LR is low. The WM8903 samples the digital microphone data
in the middle of each DMIC_LR clock phase. Each microphone must tri-state its data output when the
other microphone is transmitting.
Figure 29 Digital Microphone Interface Timing
The digital microphone interface control fields are described in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com