Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
79
POP SUPPRESSION CONTROL
The WM8903 incorporates Wolfson’s SilentSwitch™ technology which enables pops normally
associated with Start-Up, Shut-Down or signal path control to be suppressed. To achieve maximum
benefit from these features, careful attention is required to the sequence and timing of these controls.
Note that, under the recommended usage conditions of the WM8903, these features will be
configured by running the default Start-Up and Shut-Down sequences as described in the “Control
Write Sequencer” section. In these cases, the user does not need to set these register fields directly.
The Pop Suppression controls relating to the Headphone / Line Output drivers are described in the
“Output Signal Path” section.
DISABLED INPUT / OUTPUT CONTROL
The analogue inputs to the WM8903 and the Differential Line (Speaker) outputs are biased to VMID
in normal operation. In order to avoid audible pops caused by a disabled signal path dropping to
AGND, the WM8903 can maintain these connections at VMID when the relevant input or output stage
is disabled. This is achieved by connecting a buffered VMID reference to the input or output. The
buffered VMID reference is enabled by setting VMID_BUF_ENA.
When the buffered VMID reference is enabled, it is connected to any unused input pins by setting the
BUFIO_ENA register bit. When buffered VMID is enabled, it is connected to any disabled Differential
Line outputs (speaker driver outputs) by setting VMID_TIE_ENA. The resistance associated with
VMID_TIE_ENA can be either 500
 or 20k, depending on the VROI register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
VMID
Control 0
7
VMID_TIE_ENA
0
VMID buffer to Differential Lineouts
0 = Disabled
1 = Enabled
(only applies when relevant outputs
are disabled, ie. SPLK=0 or SPKR=0.
Resistance is controlled by VROI.)
6
BUFIO_ENA
0
VMID buffer to unused Inputs/Outputs
0 = Disabled
1 = Enabled
0
VMID_BUF_ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
R65 (41h)
0
VROI
0
Select VMID_TIE_ENA resistance for
disabled Differential Lineouts
0 = 20k ohm
1 = 500 ohm
Table 51 Disabled Input / Output Control
DIFFERENTIAL LINE OUTPUT DISCHARGE CONTROL
The differential line output paths can be actively discharged to AGND through internal resistors if
desired. This is desirable at start-up in order to achieve a known output stage condition prior to
enabling the soft-start VMID reference voltage. This is also desirable in shut-down to prevent the
external connections from being affected by the internal circuits. The Differential Line outputs
(speaker driver outputs) can be discharged to AGND by setting SPK_DISCHARGE.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (41h)
1
SPK_DISCHARG
E
0
Speaker Discharge Enable
0 = Disabled
1 = Enable
Table 52 Differential Line Output Discharge Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com