Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
45
HIGH-PASS FILTER (HPF)
A digital high-pass filter is applied by default to the ADC path to remove DC offsets. This filter can
also be programmed to remove low frequency noise in handheld applications (e.g. wind noise,
handling noise or mechanical vibration). This filter is controlled using the ADC_HPF_ENA and
ADC_HPF_CUT register bits (see Table 13).
In hi-fi mode the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz at fs=44.1kHz.
In voice mode the high pass filter is optimised for voice communication and it is recommended to
program the cut-off frequency below 300Hz (e.g. ADC_HPF_CUT=11 at fs=8kHz or
ADC_HPF_CUT=10 at fs=16kHz).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
ADC Digital 0
6:5
ADC_HPF_CUT
[1:0]
00
ADC Digital High Pass Filter Cut-Off
Frequency (fc)
00 = hi-fi mode (fc=4Hz at
fs=48kHz)
01 = Voice mode 1 (fc=127Hz at
fs=16kHz)
10 = Voice mode 2 (fc=130Hz at
fs=8kHz)
11 = Voice mode 3 (fc=267Hz at
fs=8kHz)
(Note: fc scales with sample rate fs.
See Table 14 for cut-off frequencies
at all supported sample rates)
4
ADC_HPF_ENA
1
ADC Digital High Pass Filter Enable
0 = disabled
1 = enabled
Table 13 ADC High-pass Filter Control Registers
Sample
Rate (kHz)
Value of ADC_HPF_CUT bits
00
01
10
11
Cut-off frequency (Hz)
8.000
0.7
64
130
267
11.025
0.9
88
178
367
16.000
1.3
127
258
532
22.050
1.9
175
354
733
24.000
2.0
190
386
798
32.000
2.7
253
514
1063
44.100
3.7
348
707
1464
48.000
4.0
379
770
1594
88.200
7.4
696
1414
2928
96.000
8.0
758
1540
3188
Table 14 ADC High-pass Filter Cut-off Frequencies
The high pass filter characteristics are shown in “Digital Filter Characteristics” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com