Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
11
Single-ended stereo record from analogue microphones - IN2L / IN2R pins to ADC output
Test conditions:
L_MODE = R_MODE = 00b (Single ended)
LIN_VOL = RIN_VOL = 11111b (+28.3dB)
Total signal path gain = +34.3dB, incorporating 6dB single-ended to differential conversion gain
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Single-ended mic input full-scale
Signal Level (for ADC 0dBFS
output)
0.019
-34.3
0.055
Vrms
dBV
Vpk-pk
Input Resistance
Rin
10
12
k
Input Capacitance
Cin
10
pF
DC offset
At ADC output with
ADC_HPF_ENA=0
11864
LSBs (24-bit)
47
LSBs (16-bit)
Signal to Noise Ratio
SNR
A-weighted
73
dBFS
Total Harmonic Distortion
THD
-35dBV input
-78
dBFS
Total Harmonic Distortion + Noise
THD+N
-35dBV input
-77
dBFS
Channel Level Matching
1kHz signal, -35dBV
+/-3
dB
Power Supply Rejection Ratio
PSRR
1kHz, 100mVpk-pk
60
dB
20kHz, 100mV pk-pk
40
Differential stereo record from analogue microphones - IN1L+IN2L / IN1R+IN2R pins to ADC output
Test conditions:
L_MODE = R_MODE = 10b (Differential mic)
LIN_VOL = RIN_VOL = 00111b (+30dB)
Total signal path gain = +30dB
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential Mic Input Full Scale
Signal Level
IN1L-IN2L / IN1R-IN2R (for ADC
0dBFS output)
0.032
-30
0.089
Vrms
dBV
Vpk-pk
Input Resistance
Rin
100
120
k
Input Capacitance
Cin
10
pF
DC Offset
At ADC output with
ADC_HPF_ENA=0
189813
LSBs (24-bit)
742
LSBs (16-bit)
Signal to Noise Ratio
SNR
A-weighted
75
dBFS
Total Harmonic Distortion
THD
-31dBV input
-78
dBFS
Total Harmonic Distortion + Noise
THD+N
-31dBV input
-72
dBFS
Common Mode Rejection Ratio
CMRR
1kHz, 100mVpk-pk
60
dB
Channel Separation
1kHz signal, -31dBV
85
dB
10kHz signal, -31dBV
80
Channel Level Matching
1kHz signal, -31dBV
+/-1
dB
PSRR (Referred to Input)
PSRR
1kHz, 100mVpk-pk
60
dB
20kHz, 100mV pk-pk
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com