Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
18
Stereo Playback to Headphones - DAC input to HPOUTL+HPOUTR pins with 30Ω load.
Test conditions
DACBIAS_SEL = 01b (Normal bias x 0.5)
DACVMID_BIAS_SEL = 11b (Normal bias x 0.75)
PGA_BIAS = 011b (Normal bias x 0.5)
CP_DYN_PWR = 1b (Charge pump controlled by real-time audio level)
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
mW
Slave mode, 44.1kHz sample rate, quiescent
1.8
1.60
1.2
0.76
1.8
0.00
1.8
0.41
4.5
Master mode, 44.1kHz sample rate, quiescent
1.8
1.60
1.2
0.76
1.8
0.09
1.8
0.41
4.7
Master mode, 44.1kHz, Po = 0.1mW/channel
1.8
1.60
1.2
0.90
1.8
0.09
1.8
1.85
7.5
Master mode, 44.1kHz, Po = 1mW/channel
1.8
1.60
1.2
0.92
1.8
0.09
1.8
5.77
14.5
Master mode, 8kHz sample rate, quiescent
1.8
1.60
1.2
0.65
1.8
0.03
1.8
0.41
4.4
Master mode, 8kHz, Po = 0.1mW/channel
1.8
1.60
1.2
0.71
1.8
0.03
1.8
1.85
7.1
Stereo Playback to Line-out - DAC input to LINEOUTL+LINEOUTR or HPOUTL+HPOUTR pins with 3.01kΩ / 50pF load
Test conditions:
CP_DYN_PWR = 1b (Charge pump controlled by real-time audio level)
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
mW
44.1kHz sample rate
1.8
1.95
1.2
0.76
1.8
0.09
1.8
0.32
5.2
8kHz sample rate
1.8
1.95
1.2
0.68
1.8
0.03
1.8
0.32
4.9
Stereo analogue bypass to headphones - IN1L/R, IN2L/R or IN3L/R pins to HPOUTL+HPOUTR pins with 30Ω load.
Test conditions: Audio interface disabled
Note that the Analogue bypass configuration does not benefit from the Class W dynamic control, and the power consumption is
greater in this case than the DAC to Line-Out case. See “Charge Pump” section.
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
mW
Quiescent
1.8
1.46
1.2
0.12
1.8
0.00
1.8
1.54
5.5
Po = 0.1mW/channel
1.8
1.46
1.2
0.12
1.8
0.00
1.8
4.54
11.0
Off
Test conditions: No Clocks applied
Variant test conditions
AVDD
DCVDD
DBVDD
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
mW
None
1.8
0.01
1.2
0.012
1.8
0.003
1.8
0.005
0.047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com