Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
82
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R67 (43h)
DC Servo 0
4
DCS_MASTER_ENA
1
DC Servo Master Control
0 = DC Servo Reset
1 = DC Servo Enabled
3:0
DCS_ENA [3:0]
0000
DC Servo Enable
[3] - HPOUTL enable
[2] - HPOUTR enable
[1] - LOUTL enable
[0] - LOUTR enable
R69 (45h)
DC Servo 2
1:0
DCS_MODE [1:0]
00
DC Servo Mode
00 = WRITE_STOP
01 = WRITE_UPDATE
10 = START_STOP
11 = START_UPDATE
Table 54 DC Servo Control
To reduce power consumption when unused audio outputs are disabled, the DC Servo correction
should also be disabled. The WM8903 provides the capability to quickly resume the necessary DC
Servo correction when the outputs are re-enabled, without the time delay associated with the
START_STOP mode of DC Servo operation.
If the DC Servo correction is disabled using the DCS_ENA bits, but the DCS_MASTER_ENA bit is
maintained at 1, then the DC Servo will retain the latest correction values in its memory. These values
will be re-applied when the DC Servo is later enabled via the DCS_ENA bits.
An alternative method to apply known correction settings is to read the correction values from the
WM8903 register map and to store these for later use. After DC offset correction has been performed,
the applicable correction values can be read from the fields in the Servo Readback registers R81 to
R84 described in Table 55.
Setting DCS_MODE to 00b or 01b selects WRITE_STOP mode and WRITE_UPDATE mode
respectively. WRITE_STOP mode is similar to START_STOP mode, except that the DC Servo
correction factors are read from internal registers, instead of being calculated from the measured
output conditions. In the same way, WRITE_UPDATE mode is similar to START_UPDATE mode.
When the DC Servo is commanded to one of these modes, the initial DC offset correction values are
read from the _WRITE_VAL field in registers R71 to R74 described in Table 55.
Selecting WRITE_STOP or WRITE_UPDATE mode applies initial settings which should be written to
registers R71 to R74 before the DC Servo is enabled. In WRITE_STOP mode, no further DC
correction is applied. In WRITE_UPDATE mode, the DC Servo will periodically measure and adjust
the DC offset correction. Similar to START_UPDATE mode, the default time between updates is
approximately 10 minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com