Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
7
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DGND
Supply
Digital ground (return path for DCVDD and DBVDD)
2
MCLK
Digital Input
Master clock for CODEC
3
GPIO2/
DMIC_DAT
Digital Input/Output
GPIO2 / Digital microphone data input
4
GPIO1/
DMIC_LR
Digital Input/Output
GPIO1 / Digital microphone clock output
5
INTERRUPT
Digital Output
Interrupt output / GPIO4
6
BCLK
Digital Input/Output
Audio interface bit clock / GPIO5
7
DACDAT
Digital Input
DAC digital audio data
8
LRC
Digital Input/Output
Audio interface left / right clock (common for ADC and DAC)
9
ADCDAT
Digital Output
ADC digital audio data
10
CPVDD
Supply
Charge pump power supply
11
CFB1
Analogue Output
Charge pump flyback capacitor pin
12
CPGND
Supply
Charge pump ground
13
CFB2
Analogue Output
Charge pump flyback capacitor pin
14
VPOS
Analogue Output
Charge pump positive supply decoupling (powers HPOUTL/R, LINEOUTL/R)
15
VNEG
Analogue Output
Charge pump negative supply decoupling (powers HPOUTL/R, LINEOUTL/R)
16
HPOUTR
Analogue Output
Right headphone output (line or headphone output)
17
HPGND
Analogue Input
Headphone ground
18
HPOUTL
Analogue Output
Left headphone output (line or headphone output)
19
LINEOUTR
Analogue Output
Right line output 1 (line output)
20
LINEGND
Analogue Input
Line-out ground
21
LINEOUTL
Analogue Output
Left line output 1 (line output)
22
LOP
Analogue Output
Left differential output positive side
23
LON
Analogue Output
Left differential output negative side
24
AVDD
Supply
Analogue power supply (powers analogue inputs, reference, ADC, DAC, LOP,
LON, ROP, RON)
25
VMID
Analogue Output
Midrail voltage decoupling capacitor
26
AGND
Supply
Analogue power return
27
RON
Analogue Output
Right differential output negative side
28
ROP
Analogue Output
Right differential output positive side
29
MICBIAS
Analogue Output
Microphone bias
30
IN3R
Analogue Input
Right channel input 3
31
IN2R
Analogue Input
Right channel input 2
32
IN1R
Analogue Input
Right channel input 1
33
IN3L
Analogue Input
Left channel input 3
34
IN2L
Analogue Input
Left channel input 2
35
IN1L
Analogue Input
Left channel input 1
36
SDIN
Digital Input/Output
Control interface data Input / 2-wire acknowledge output
37
SCLK
Digital Input
Control interface clock Input
38
GPIO3
/ADDR
Digital Input/Output
GPIO3 / control interface address selection
39
DCVDD
Supply
Digital core supply
40
DBVDD
Supply
Digital buffer supply (powers audio interface and control interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com