Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
42
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R164 (A4h)
Clock Rate
Test 4
9
ADC_DIG_MIC
0
Enables Digital Microphone mode.
0 = Audio DSP input is from ADC
1 = Audio DSP input is from digital
microphone interface
Table 9 Digital Microphone Interface Control
Note that, in addition to setting the ADC_DIG_MIC bit as described in Table 9, the pins
GPIO1/DMIC_LR and GPIO2/DMIC_DAT must also be configured to provide the digital microphone
interface function. See “General Purpose Input/Output (GPIO)” for details.
ANALOGUE-TO-DIGITAL CONVERTER (ADC)
The WM8903 uses two 24-bit, 128x oversampled sigma-delta ADCs. The use of multi-bit feedback
and high oversampling rates reduces the effects of jitter and high frequency noise. An oversample
rate of 64x can also be supported - see “Clocking and Sample Rates” for details. The ADC full-scale
input level is proportional to AVDD - see “Electrical Characteristics”. Any input signal greater than full
scale may overload the ADC and cause distortion.
The ADCs are enabled by the ADCL_ENA and ADCR_ENA register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
Power
Management
6
1
ADCL_ENA
0
Left ADC Enable
0 = disabled
1 = enabled
0
ADCR_ENA
0
Right ADC Enable
0 = disabled
1 = enabled
Table 10 ADC Enable Control
ADC DIGITAL VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from -71.625dB to
+17.625dB in 0.375dB steps. The volume of each channel can be controlled separately. The gain for
a given eight-bit code is detailed in Table 12.
The ADC_VU bit controls the loading of digital volume control data. When ADC_VU is set to 0, the
ADCL_VOL or ADCR_VOL control data is loaded into the respective control register, but does not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to ADC_VU. This makes it possible to update the gain of both channels simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com