Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
46
ADC OVERSAMPLING RATIO (OSR)
The ADC oversampling rate is programmable to allow power consumption versus audio performance
trade-offs. The default oversampling rate is high for best performance; using the lower OSR setting
reduces ADC power consumption.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
Analogue ADC
0
0
ADC_OSR128
1
ADC Oversampling Ratio
0 = Low Power (64 x fs)
1 = High Performance (128 x fs)
Note that the Low Power options is
not supported when
CLK_SYS_MODE=10
Table 15 ADC Oversampling Ratio
Note that the Low Power (64 x fs) oversampling option is not supported when CLK_SYS_MODE=10
(see “Clocking and Sample Rates”, Table 62).
DYNAMIC RANGE CONTROL (DRC)
The dynamic range controller (DRC) is a circuit which can be enabled in the digital data path of the
ADC. Its function is to adjust the signal gain in conditions where the input amplitude is unknown or
varies over a wide range, e.g. when recording from microphones built into a handheld system. The
DRC can apply Compression and Automatic Level Control to the signal path. It incorporates ‘anti-clip’
and ‘quick release’ features for handling transients in order to improve intelligibility in the presence of
loud impulsive noises.
The DRC is enabled as shown in Table 16.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
DRC 0
15
DRC_ENA
0
DRC enable
1 = enabled
0 = disabled
Table 16 DRC Enable
COMPRESSION/LIMITING CAPABILITIES
The DRC supports two different compression regions, specified by R0 and R1, separated by a “knee”
at input amplitude T. For signals above the knee, the compression slope R0 applies; for signals below
the knee, the compression slope R1 applies.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com