Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
33
SINGLE-ENDED INPUT
The Single-Ended PGA configuration is illustrated in Figure 23 for the Left channel. The available
gain in this mode is from -1.55dB to +28.5dB in non-linear steps. The input impedance is 12k
. The
input to the ADC is phase inverted with respect to the selected input pin. Different input pins can be
selected in the same mode by altering the L_IP_SEL_N field.
The equivalent configuration is also available on the Right channel; this can be selected
independently of the Left channel mode.
BYPASSL
IN1L
IN3L
IN2L
-
+
L_IP_SEL_N
-1.55dB to +28.5dB,
non-linear steps
INL_ENA
LIN_MUTE
LIN_VOL
ADC L
VMID
M
U
X
Single-Ended (inverting) Mode (L_MODE = 00)
Figure 23 Single Ended Mode
DIFFERENTIAL LINE INPUT
The Differential Line PGA configuration is illustrated in Figure 24 for the Left channel. The available
gain in this mode is from -1.55dB to +28.5dB in non-linear steps. The input impedance is 12k
. The
input to the ADC is in phase with the input pin selected by L_IP_SEL_P. The input to the ADC is
phase inverted with respect to the input pin selected by L_IP_SEL_N.
As an option, common mode noise rejection can be provided in this PGA configuration, as illustrated
in Figure 24. This is enabled using the register bits defined in Table 5.
The equivalent configuration is also available on the Right channel; this can be selected
independently of the Left channel mode.
BYPASSL
IN1L
IN3L
IN2L
-
+
L_IP_SEL_N
INL_ENA
LIN_MUTE
LIN_VOL
ADC L
M
U
X
L_IP_SEL_P
M
U
X
Differential Line Mode (L_MODE = 01)
-1.55dB to +28.5dB,
non-linear steps
INL_CM_ENA
+
-
Figure 24 Differential Line Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com