Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
78
A pop-suppressed start-up requires VMID to be enabled smoothly, without the step change normally
associated with the initial stage of the VMID capacitor charging. A pop-suppressed start-up also
requires the analogue bias current to be enabled throughout the signal path prior to the VMID
reference voltage being applied. The WM8903 incorporates pop-suppression circuits which address
these requirements.
The alternate current source (Start-Up Bias) is enabled by STARTUP_BIAS_ENA. The start-up bias
is selected (in place of the normal bias) by POBCTRL. It is recommended that the start-up bias is
used during start-up, before switching back to the higher quality, normal bias.
VMID_IO_ENA has the same functionality as STARTUP_BIAS_ENA. The start-up bias is enabled by
setting either of these bits.
A soft-start circuit is provided in order to control the switch-on of the VMID reference. The soft-start
control circuit is enabled by setting VMID_SOFT. Three slew rates are provided, under control of the
VMID_SOFT field. When the soft-start circuit is enabled prior to enabling VMID_RES, the reference
voltage rises smoothly, without the step change that would otherwise occur. It is recommended that
the soft-start circuit and the output signal path be enabled before VMID is enabled by VMID_RES.
A soft shut-down is provided, using the soft-start control circuit and the start-up bias current
generator. The soft shut-down of VMID is achieved by setting VMID_SOFT, STARTUP_BIAS_ENA
and POBCTRL to select the start-up bias current and soft-start circuit prior to setting VMID_RES=00.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Bias Control
0
4
POBCTRL
1
Selects the bias current source
0 = Normal bias
1 = Start-Up bias
1
STARTUP_BIAS_
ENA
0
Enables the Start-Up bias current
generator
0 = Disabled
1 = Enabled
R5 (05h)
VMID
Control 0
5
VMID_IO_ENA
0
Enables the Start-Up bias current
generator
0 = Disabled
1 = Enabled
(same functionality as
STARTUP_BIAS_ENA)
4:3
VMID_SOFT [1:0]
10
VMID soft start enable / slew rate
control
00 = Disabled
01 = Fast soft start
10 = Nominal soft start
11 = Slow soft start
Table 50 Soft Start Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com