Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
53
DIGITAL MIXING
The ADC and DAC data can be combined in various ways to support a range of different usage
modes.
Data from either of the two ADCs can be routed to either the left or the right channel of the digital
audio interface. In addition, data from either of the digital audio interface channels can be routed to
either the left or the right DAC. See “Digital Audio Interface” for more information on the audio
interface.
The WM8903 provides a Dynamic Range Control (DRC) feature, which can apply compression and
gain adjustment in the digital domain to the ADC signal path. This is effective in controlling signal
levels under conditions where input amplitude is unknown or varies over a wide range.
The DACs can be configured as a mono mix of the two audio channels. Digital sidetone from the
ADCs can also be selectively mixed into the DAC output path.
DIGITAL MIXING PATHS
Figure 31 shows the digital mixing paths available in the WM8903 digital core.
Figure 31 Digital Mixing Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com