Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 35Page - Renesas Technology Corp UPD78014 Datasheet HTML 36Page - Renesas Technology Corp UPD78014 Datasheet HTML 37Page - Renesas Technology Corp UPD78014 Datasheet HTML 38Page - Renesas Technology Corp UPD78014 Datasheet HTML 39Page - Renesas Technology Corp UPD78014 Datasheet HTML 40Page - Renesas Technology Corp UPD78014 Datasheet HTML 41Page - Renesas Technology Corp UPD78014 Datasheet HTML 42Page - Renesas Technology Corp UPD78014 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
37
µPD78P083
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Data retention supply voltage
VDDDR
1.8
5.5
V
Data retention supply current
IDDDR
VDDDR = 1.8 V
0.1
10
µA
Release signal set time
tSREL
0
µs
Oscillation stabilization wait
tWAIT
Release by RESET
217/fx
ms
time
Release by interrupt
Note
ms
Data Memory STOP Mode Low Supply Voltage Data Retention Characteristics (TA = –40 to +85
°C)
Note 212/fxx or 214/fxx-217/fxx can be selected by bit 0-bit 2 (OSTS0-OSTS2) of oscillation stabilization time selection register
(OSTS).
Remark
fxx: Main system clock frequency (fx or fx/2)
fx: Main system clock oscillation frequency
Data Retention Timing (STOP mode released by RESET)
Data Retention Timing (Standby release signal: STOP mode released by interrupt signal)
STOP instruction execution
VDD
VDDDR
Operating
mode
HALT mode
STOP mode
Data retention mode
tWAIT
RESET
tSREL
Internal reset operation
STOP instruction execution
VDD
VDDDR
Standby release signal
(interrupt request)
Operating
mode
HALT mode
STOP mode
Data retention mode
tWAIT
tSREL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com