Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 24Page - Renesas Technology Corp UPD78014 Datasheet HTML 25Page - Renesas Technology Corp UPD78014 Datasheet HTML 26Page - Renesas Technology Corp UPD78014 Datasheet HTML 27Page - Renesas Technology Corp UPD78014 Datasheet HTML 28Page - Renesas Technology Corp UPD78014 Datasheet HTML 29Page - Renesas Technology Corp UPD78014 Datasheet HTML 30Page - Renesas Technology Corp UPD78014 Datasheet HTML 31Page - Renesas Technology Corp UPD78014 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
26
µPD78P083
5.
PROGRAM ERASURE (
µPD78P083DU ONLY)
The
µPD78P083DU is capable of erasing (FFH) the data written in a program memory and rewriting.
To erase the programmed data, expose the erasure window to light having a wavelength shorter than about 400 nm.
Normally, irradiate ultraviolet rays of 254-nm wavelength. The amount of exposure required to completely erase the
programmed data is as follows:
• UV intensity x erasing time
: 30 W•s/cm2 or more
• Erasure time: 40 min. or more (When a UV lamp of 12,000
µW/cm2 is used. However, a longer time may be needed
because of deterioration in performance of the UV lamp, soiled erasure window, etc.)
When erasing the contents of data, set up the UV lamp within 2.5 cm from the erasure window. Further, if a filter is provided
for a UV lamp, irradiate the ultraviolet rays after removing the filter.
6.
OPAQUE FILM ON ERASURE WINDOW (
µPD78P083DU ONLY)
To protect from unintentional erasure by rays other than that of the lamp for erasing EPROM contents, or to protect internal
circuit other than EPROM from misoperating by rays, cover the erasure window with an opaque film when EPROM contents
erasure is not performed.
7.
ONE-TIME PROM VERSION SCREENING
The one-time PROM version (
µPD78P083CU, 78P083GB-3B4, 78P083GB-3BS-MTX) cannot be tested completely by
NEC before it is shipped, because of its structure. It is recommended to perform screening to verify PROM after writing
necessary data and performing high-temperature storage under the condition below.
Storage Temperature
Storage Time
125
°C
24 hours
NEC offers for an additional fee one-time PROM writing to marking, screening, and verify for products designated as
"QTOP Microcontroller". Please contact an NEC sales representative for details.
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com