Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 13Page - Renesas Technology Corp UPD78014 Datasheet HTML 14Page - Renesas Technology Corp UPD78014 Datasheet HTML 15Page - Renesas Technology Corp UPD78014 Datasheet HTML 16Page - Renesas Technology Corp UPD78014 Datasheet HTML 17Page - Renesas Technology Corp UPD78014 Datasheet HTML 18Page - Renesas Technology Corp UPD78014 Datasheet HTML 19Page - Renesas Technology Corp UPD78014 Datasheet HTML 20Page - Renesas Technology Corp UPD78014 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
15
µPD78P083
(2)
Non-port pins
Pin Name
Input/Output
Function
After Reset
Alternate Function
INTP1
Input
External interrupt input by which the active edge (rising edge,
Input
P01
INTP2
falling edge, or both rising and falling edges) can be specified.
P02
INTP3
P03
SI2
Input
Serial interface serial data input.
Input
P70/RxD
SO2
Output
Serial interface serial data output.
Input
P71/TxD
SCK2
Input/Output
Serial interface serial clock input/output.
Input
P72/ASCK
RxD
Input
Asynchronous serial interface serial data input.
Input
P70/SI2
TxD
Output
Asynchronous serial interface serial data output.
Input
P71/SO2
ASCK
Input
Asynchronous serial interface serial clock input.
Input
P72/SCK2
TI5
Input
External count clock input to 8-bit timer (TM5).
Input
P100/TO5
TI6
External count clock input to 8-bit timer (TM6).
P101/TO6
TO5
Output
8-bit timer output.
Input
P100/TI5
TO6
P101/TI6
PCL
Output
Clock output. (for main system clock trimming)
Input
P35
BUZ
Output
Buzzer output.
Input
P36
ANI0-ANI7
Input
A/D converter analog input.
Input
P10-P17
AVREF
Input
A/D converter reference voltage input.
–
–
AVDD
–
A/D converter analog power supply. Connected to VDD.–
–
AVSS
–
A/D converter ground potential. Connected to VSS.–
–
RESET
Input
System reset input.
–
–
X1
Input
Main system clock oscillation crystal connection.
–
–
X2
–
––
VDD
–
Positive power supply.
–
–
VPP
–
High-voltage applied during program write/verification.
–
–
Connected directly to VSS in normal operating mode.
VSS
–
Ground potential.
–
–
NC
–
Does not internally connected. Connect to VSS.–
–
(It can be left open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com