Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 8Page - Renesas Technology Corp UPD78014 Datasheet HTML 9Page - Renesas Technology Corp UPD78014 Datasheet HTML 10Page - Renesas Technology Corp UPD78014 Datasheet HTML 11Page - Renesas Technology Corp UPD78014 Datasheet HTML 12Page - Renesas Technology Corp UPD78014 Datasheet HTML 13Page - Renesas Technology Corp UPD78014 Datasheet HTML 14Page - Renesas Technology Corp UPD78014 Datasheet HTML 15Page - Renesas Technology Corp UPD78014 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
10
µPD78P083
• 44-pin plastic QFP (10 x 10 mm)
µPD78P083GB-3B4, µPD78P083GB-3BS-MTX
Cautions
1.
(L):
Individually connect to VSS via a pull-down resistor.
2.
VSS:
Connect to GND.
3.
RESET: Set to low level.
4.
Open:
Leave open.
A0 to A14
: Address Bus
RESET
: Reset
D0 to D7
: Data Bus
VDD
: Power Supply
CE
: Chip Enable
VPP
: Programming Power Supply
OE
: Output Enable
VSS
: Ground
PGM
: Program
D2
D3
D4
D5
D6
D7
A14
A13
A12
A11
A10
A9
A8
(L)
(L)
(L)
PGM
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com