Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 41Page - Renesas Technology Corp UPD78014 Datasheet HTML 42Page - Renesas Technology Corp UPD78014 Datasheet HTML 43Page - Renesas Technology Corp UPD78014 Datasheet HTML 44Page - Renesas Technology Corp UPD78014 Datasheet HTML 45Page - Renesas Technology Corp UPD78014 Datasheet HTML 46Page - Renesas Technology Corp UPD78014 Datasheet HTML 47Page - Renesas Technology Corp UPD78014 Datasheet HTML 48Page - Renesas Technology Corp UPD78014 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
43
µPD78P083
Notes 1. If you want to read within the range of tACC, make the OE input delay time from the fall of CE a maximum of tACC–
tOE.
2. tDF is the time from when either OE or CE first reaches VIH.
PROM Write Mode Timing (byte program mode)
Cautions
1.
VDD should be applied before VPP, and removed after VPP.
2.
VPP must not exceed +13.5 V including overshoot.
3.
Reliability may be adversely affected if removal/reinsertion is performed while + 12.5 V is being
applied to VPP.
PROM Read Mode Timing
A0-A14
VIH
CE
VIL
VIH
OE
VIL
D0-D7
Data Output
Effective Address
Hi-Z
Hi-Z
tCE
tACCNote 1
tDFNote 2
tOH
tOENote 1
A0-A14
VPP
D0-D7
VPP
VDD
VDD+1.5
VDD
VDD
VIH
CE
VIL
VIH
PGM
VIL
VIH
OE
VIL
tVPS
tAS
tDS
tVDS
tCES
tPW
tOES
tOE
tOEH
tDH
Hi-Z
Hi-Z
Hi-Z
tDF
tAH
Program Verify
Program
Data Input
Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com