Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 16Page - Renesas Technology Corp UPD78014 Datasheet HTML 17Page - Renesas Technology Corp UPD78014 Datasheet HTML 18Page - Renesas Technology Corp UPD78014 Datasheet HTML 19Page - Renesas Technology Corp UPD78014 Datasheet HTML 20Page - Renesas Technology Corp UPD78014 Datasheet HTML 21Page - Renesas Technology Corp UPD78014 Datasheet HTML 22Page - Renesas Technology Corp UPD78014 Datasheet HTML 23Page - Renesas Technology Corp UPD78014 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
18
µPD78P083
3.
INTERNAL MEMORY SIZE SWITCHING REGISTER (IMS)
This is a register to disable use of part of internal memories by software. By setting this internal memory size switching
register (IMS), it is possible to get the same memory mapping as that of the mask ROM versions with a different internal
memory (ROM, RAM).
IMS is set with an 8-bit memory manipulation instruction.
RESET input sets IMS to 46H.
Figure 3-1. Internal Memory Size Switching Register Format
RAM2
RAM1
RAM0
0
ROM3
ROM2
ROM1
ROM0
76
543
21
0
Symbol
IMS
Address
R/W
FFF0H
46H
After Reset
R/W
Selection of Internal
ROM3 ROM2 ROM1 ROM0
ROM Capacity
0010
8 Kbytes
0100
16 Kbytes
0110
24 Kbytes
Other than above
Setting prohibited
Table 3-1 shows the setting values of IMS which make the memory mapping the same as that of the mask ROM version.
Table 3-1. Internal Memory Size Switching Register Setting Values
RAM2 RAM1 RAM0
Selection of Internal
High-Speed RAM Capacity
0
1
0
512 bytes
0
1
1
384 bytes
1
0
0
256 bytes
Other than above
Setting prohibited
Target Mask ROM Versions
IMS Setting Value
µPD78081
82H
µPD78082
64H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com