Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD78014 Datasheet HTML 1Page - Renesas Technology Corp UPD78014 Datasheet HTML 2Page - Renesas Technology Corp UPD78014 Datasheet HTML 3Page - Renesas Technology Corp UPD78014 Datasheet HTML 4Page - Renesas Technology Corp UPD78014 Datasheet HTML 5Page - Renesas Technology Corp UPD78014 Datasheet HTML 6Page - Renesas Technology Corp UPD78014 Datasheet HTML 7Page - Renesas Technology Corp UPD78014 Datasheet HTML 8Page - Renesas Technology Corp UPD78014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
3
µPD78P083
78K/0 SERIES DEVELOPMENT
The following shows the 78K/0 series products development. Subseries names are shown inside frames.
Control
100-pin
100-pin
80-pin
80-pin
64-pin
64-pin
64-pin
64-pin
42/44-pin
FIPTM drive
100-pin
80-pin
64-pin
LCD drive
IEBusTM supported
64-pin
78K/0
Series
A timer was added to the µPD78054 and external interface function was enhanced
Products in mass production
Products under development
Y subseries products are compatible with I2C bus.
ROM-less versions of the µPD78078
EMI noise reduced product of the µPD78054
An A/D converter and 16-bit timer were added to the µPD78002
An A/D converter was added to the µPD78002
Basic subseries for control
On-chip UART, capable of operating at a low voltage (1.8 V)
The I/O and FIP C/D of the µPD78044A were enhanced. Display output total: 53
A 6-bit U/D counter was added to the µPD78024. Display output total: 34
Basic subseries for driving FIP. Display output total: 26
EMI noise reduced product of the µPD78064
Subseries for driving LCDs, On-chip UART
The IEBus controller was added to the µPD78054
On-chip PWM, LV digital code decoder, and Hsync counter
The enhanced SIO to the µPD78064 and increased ROM and RAM capacities
Low-voltage (1.8 V) operation versions of the µPD78014 with several ROM and RAM
capacities are available.
UART and D/A converter were added to the µPD78014 and I/O was enhanced
LV control
µPD78078
µPD78070A
µPD78058F
µPD78054
µPD78018F
µPD78014
µPD780001
µPD78002
µPD78083
µPD78078Y
µPD78070AY
µPD78058FY
µPD78054Y
µPD78018FY
µPD78014Y
µPD78002Y
µPD78044A
µPD78024
µPD780208
µPD78064B
µPD78064
µPD780308
µPD78064Y
µPD780308Y
µPD78098
µPD78P0914
80-pin
100-pin
100-pin
100-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com