Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 5Page - Renesas Technology Corp UPD78014 Datasheet HTML 6Page - Renesas Technology Corp UPD78014 Datasheet HTML 7Page - Renesas Technology Corp UPD78014 Datasheet HTML 8Page - Renesas Technology Corp UPD78014 Datasheet HTML 9Page - Renesas Technology Corp UPD78014 Datasheet HTML 10Page - Renesas Technology Corp UPD78014 Datasheet HTML 11Page - Renesas Technology Corp UPD78014 Datasheet HTML 12Page - Renesas Technology Corp UPD78014 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
7
µPD78P083
• 44-pin plastic QFP (10 x 10 mm)
µPD78P083GB-3B4, µPD78P083GB-3BS-MTX
Cautions
1.
Connect VPP pin directly to VSS.
2.
Connect AVDD pin to VDD.
3.
Connect AVSS pin to VSS.
4.
Connect NC pin to VSS for noise protection (It can be left open).
P12/ANI2
P13/ANI3
P14/ANI4
P15/ANI5
P16/ANI6
P17/ANI7
P72/ASCK/SCK2
P71/TXD/SO2
P70/RXD/SI2
P101/TI6/TO6
P100/TI5/TO5
P03/INTP3
P02/INTP2
P01/INTP1
P00
P37
P36/BUZ
P35/PCL
P34
P33
P32
NC
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com