Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 50Page - Renesas Technology Corp UPD78014 Datasheet HTML 51Page - Renesas Technology Corp UPD78014 Datasheet HTML 52Page - Renesas Technology Corp UPD78014 Datasheet HTML 53Page - Renesas Technology Corp UPD78014 Datasheet HTML 54Page - Renesas Technology Corp UPD78014 Datasheet HTML 55Page - Renesas Technology Corp UPD78014 Datasheet HTML 56Page - Renesas Technology Corp UPD78014 Datasheet HTML 57Page - Renesas Technology Corp UPD78014 Datasheet HTML 58Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
µPD78P083
55
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note: Strong electric field, when exposed to a MOS device, can cause destruction of the
gate oxide and ultimately degrade the device operation. Steps must be taken to
stop generation of static electricity as much as possible, and quickly dissipate it
once, when it has occurred. Environmental control must be adequate. When it
is dry, humidifier should be used. It is recommended to avoid using insulators that
easily build static electricity. Semiconductor devices must be stored and trans-
ported in an anti-static container, static shielding bag or conductive material. All
test and measurement tools including work bench and floor should be grounded.
The operator should be grounded using wrist strap. Semiconductor devices must
not be touched with bare hands. Similar precautions need to be taken for PW
boards with semiconductor devices on it.
2
HANDLING OF UNUSED INPUT PINS FOR CMOS
Note: No connection for CMOS device inputs can be cause of malfunction.
If no
connection is provided to the input pins, it is possible that an internal input level
may be generated due to noise, etc., hence causing malfunction. CMOS devices
behave differently than Bipolar or NMOS devices. Input levels of CMOS devices
must be fixed high or low by using a pull-up or pull-down circuitry. Each unused
pin should be connected to VDD or GND with a resistor, if it is considered to have
a possibility of being an output pin. All handling related to the unused pins must
be judged device by device and related specifications governing the devices.
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note: Power-on does not necessarily define initial status of MOS device. Production
process of MOS does not define the initial operation status of the device.
Immediately after the power source is turned ON, the devices with reset function
have not yet been initialized. Hence, power-on does not guarantee out-pin levels,
I/O settings or contents of registers. Device is not initialized until the reset signal
is received. Reset operation must be executed immediately after power-on for
devices having reset function.
FIP, IEBus, and QTOP are trademarks of NEC Corporation.
MS-DOS and Windows are trademarks of Microsoft Corporation.
IBM DOS, PC/AT and PC DOS are trademarks of International Business Machines Corporation.
HP9000 series 300, HP9000 series 700, and HP-UX are trademarks of Hewlett-Packard Company.
SPARCstation is a trademark of SPARC International, Inc.
SunOS is a trademark of Sun Microsystems, Inc.
NEWS and NEWS-OS are trademarks of Sony Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com