Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 39Page - Renesas Technology Corp UPD78014 Datasheet HTML 40Page - Renesas Technology Corp UPD78014 Datasheet HTML 41Page - Renesas Technology Corp UPD78014 Datasheet HTML 42Page - Renesas Technology Corp UPD78014 Datasheet HTML 43Page - Renesas Technology Corp UPD78014 Datasheet HTML 44Page - Renesas Technology Corp UPD78014 Datasheet HTML 45Page - Renesas Technology Corp UPD78014 Datasheet HTML 46Page - Renesas Technology Corp UPD78014 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
41
µPD78P083
(2)
PROM Read Mode (TA = 25
±5˚C, VDD = 5.0 ±0.5 V, VPP = VDD ±0.6 V)
Parameter
Symbol Symbol Note
Test Conditions
MIN.
TYP.
MAX.
Unit
Address
→ Data output
tACC
tACC
CE = OE = VIL
800
ns
delay time
CE
↓ → Data output delay time
tCE
tCE
OE = VIL
800
ns
OE
↓ → Data output delay time
tOE
tOE
CE = VIL
200
ns
OE
↑ → Data output float
tDF
tDF
CE = VIL
060
ns
delay time
Address
→ Data hold time
tOH
tOH
CE = OE = VIL
0ns
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
PROM programming mode
tSMA
10
µs
setup time
Note Corresponding
µPD27C1001A symbol.
(3)
PROM Programming Mode (TA = 25˚C, VSS = 0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com