Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78014 Datasheet HTML 1Page - Renesas Technology Corp UPD78014 Datasheet HTML 2Page - Renesas Technology Corp UPD78014 Datasheet HTML 3Page - Renesas Technology Corp UPD78014 Datasheet HTML 4Page - Renesas Technology Corp UPD78014 Datasheet HTML 5Page - Renesas Technology Corp UPD78014 Datasheet HTML 6Page - Renesas Technology Corp UPD78014 Datasheet HTML 7Page - Renesas Technology Corp UPD78014 Datasheet HTML 8Page - Renesas Technology Corp UPD78014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
©
1995
DATA SHEET
The information in this document is subject to change without notice.
*
DESCRIPTION
The
µPD78P083 is a member of the µPD78083 subseries of the 78K/0 series products. It includes an on-chip, 24-Kbyte,
one-time PROM or EPROM.
Because this device can be programmed by users, it is ideally suited for applications involving the evaluation of systems
in development stages, small-scale production of many different products, and rapid development and time-to-market of
a new product.
Caution
The
µPD78P083DU does not maintain planned reliability when used in your systems’ mass-produced
products. Please use only experimentally or for evaluation purposes during trial manufacture.
The details of functions are described in the user’s manuals. Be sure to read the following manuals before
designing.
µPD78083 Subseries User's Manual
: IEU-1407
78K/0 Series User's Manual — Instructions
: IEU-1372
FEATURES
• Pin-compatible with mask ROM version (except VPP pin)
• Internal PROM: 24 Kbytes Note
•
µPD78P083DU: Reprogrammable (ideally suited for system evaluation)
•
µPD78P083CU, µPD78P083GB: One-time programmable (ideally suited for small-scale production)
• Internal high-speed RAM: 512 bytes Note
• Can be operated in the same supply voltage as the mask ROM version (VDD = 1.8 to 5.5 V)
• Corresponding to QTOPTM Microcontrollers
Note The internal PROM and internal high-speed RAM capacities can be changed by setting the internal memory size
switching register (IMS).
Remark
QTOP microcontroller is a general term for microcontrollers which incorporate one-time PROM and are totally
supported by NEC's programming service (from programming to marking, screening and verification).
Differs from the mask ROM version in the following points
The same memory mapping as the mask ROM version is enabled by setting the internal memory size switching
register (IMS).
In this document, the term PROM is used in parts common to one-time PROM versions and EPROM versions.
µPD78P083
MOS INTEGRATED CIRCUIT
8-BIT SINGLE-CHIP MICROCONTROLLER
Document No. U11006EJ1V0DS00 (1st edition)
(Previous No. IP-3556)
Date Published June 1996 P
Printed in Japan
*
The mark
shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com