Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 23Page - Renesas Technology Corp UPD78014 Datasheet HTML 24Page - Renesas Technology Corp UPD78014 Datasheet HTML 25Page - Renesas Technology Corp UPD78014 Datasheet HTML 26Page - Renesas Technology Corp UPD78014 Datasheet HTML 27Page - Renesas Technology Corp UPD78014 Datasheet HTML 28Page - Renesas Technology Corp UPD78014 Datasheet HTML 29Page - Renesas Technology Corp UPD78014 Datasheet HTML 30Page - Renesas Technology Corp UPD78014 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
25
µPD78P083
A0-A14
CE (Input)
OE (Input)
D0-D7
Hi-Z
Address Input
Data Output
Hi-Z
4.3
PROM Read Procedure
The contents of PROM are readable to the external data bus (D0-D7) according to the read procedure shown below.
(1)
Fix the RESET pin at low level, supply +5 V to the VPP pin, and connect all other unused pins as shown in “PIN
CONFIGURATIONS (TOP VIEW) (2) PROM programming mode”.
(2)
Supply +5 V to the VDD and VPP pins.
(3)
Input address of read data into the A0-A16 pins.
(4)
Read mode
(5)
Output data to D0-D7 pins.
The timings of the above steps (2) to (5) are shown in Figure 4-5.
Figure 4-5. PROM Read Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com