Electronic Components Datasheet Search
  English  ▼

X  

UPD78014 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # UPD78014
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78014 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button UPD78014 Datasheet HTML 26Page - Renesas Technology Corp UPD78014 Datasheet HTML 27Page - Renesas Technology Corp UPD78014 Datasheet HTML 28Page - Renesas Technology Corp UPD78014 Datasheet HTML 29Page - Renesas Technology Corp UPD78014 Datasheet HTML 30Page - Renesas Technology Corp UPD78014 Datasheet HTML 31Page - Renesas Technology Corp UPD78014 Datasheet HTML 32Page - Renesas Technology Corp UPD78014 Datasheet HTML 33Page - Renesas Technology Corp UPD78014 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
28
µPD78P083
Resonator
Recommended
Parameter
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit
Ceramic
Oscillation frequency
VDD = Oscillation voltage
1.0
5.0
MHz
resonator
(fX) Note 1
range
Oscillation stabilization
After VDD came to MIN.
4
ms
time Note 2
of oscillation voltage range
Crystal
Oscillation frequency
1.0
5.0
MHz
resonator
(fX) Note 1
Oscillation stabilization
VDD = 4.5 to 5.5 V
10
ms
time Note 2
30
External clock
X1 input frequency
1.0
5.0
MHz
(fX) Note 1
X1 input high- and
85
500
ns
low-level widths (tXH, tXL)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz, Unmeasured pins returned to 0 V.
15
pF
I/O capacitance
CIO
f = 1 MHz,
P01-P03, P10-P17, P30-P37,
15
pF
Unmeasured pins
P50-P57, P70-P72, P100,
returned to 0 V.
P101
Capacitance (TA = 25
°C, VDD = VSS = 0 V)
Remark
Unless otherwise specified, dual-function pin characteristics are the same as port pin characteristics.
Main System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Notes 1. Only the oscillator characteristics are shown. For the instruction execution time, refer to AC Characteristics.
2. Time required for oscillation to stabilize after a reset or the STOP mode has been released.
Caution
When using the oscillation circuit of the main system clock, wire the portion enclosed in broken lines
in the figures as follows to avoid adverse influences on the wiring capacitance:
• Keep the wiring length as short as possible.
• Do not cross the wiring over other signal lines.
• Do not route the wiring in the vicinity of lines through which a high fluctuating current flows.
• Always keep the ground point of the capacitor of the oscillation circuit at the same potential as VSS.
• Do not connect the power source pattern through which a high current flows.
• Do not extract signals from the oscillation circuit.
VPP
C1
X1
C2
X2
VPP
C1
X1
C2
X2
X2
X1
PD74HCU04
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com