| Electronic Components Datasheet Search |
|
UPD78014 Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78014 Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 58 page ![]() 14 µPD78P083 Pin Name Input/Output Function After Reset Alternate Function P00 Input Port 0 Input only Input — P01 Input/output 4-bit input/output port Input/output is specifiable Input INTP1 P02 bit-wise. When used as the INTP2 P03 input port, it is possible to INTP3 connect a pull-up resistor by software. P10-P17 Input/output Port 1 Input ANI0-ANI7 8-bit input/output port Input/output is specifiable bit-wise. When used as the input port, it is possible to connect a pull-up resistor by software. Note P30-P34 Input/output Port 3 Input — P35 8-bit input/output port PCL P36 Input/output is specifiable bit-wise. BUZ P37 When used as the input port, it is possible to connect — a pull-up resistor by software. P50-P57 Input/output Port 5 Input — 8-bit input/output port Can drive up to seven LEDs directly. Input/output is specifiable bit-wise. When used as the input port, it is possible to connect a pull-up resistor by software. P70 Input/output Port 7 Input SI2/RxD P71 3-bit input/output port SO2/TxD P72 Input/output is specifiable bit-wise. SCK2/ASCK When used as the input port, it is possible to connect a pull-up resistor by software. P100 Input/output Port 10 Input TI5/TO5 P101 2-bit input/output port TI6/TO6 Input/output is specifiable bit-wise. When used as the input port, it is possible to connect a pull-up resistor by software. 2. PIN FUNCTIONS 2.1 Pins in Normal Operating Mode (1) Port pins Note When P10/ANI0-P17/ANI7 pins are used as the analog inputs for the A/D converter, set the port 1 to the input mode. The on-chip pull-up resistor is automatically disabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |