Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 6 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 2Page - STMicroelectronics SO16N Datasheet HTML 3Page - STMicroelectronics SO16N Datasheet HTML 4Page - STMicroelectronics SO16N Datasheet HTML 5Page - STMicroelectronics SO16N Datasheet HTML 6Page - STMicroelectronics SO16N Datasheet HTML 7Page - STMicroelectronics SO16N Datasheet HTML 8Page - STMicroelectronics SO16N Datasheet HTML 9Page - STMicroelectronics SO16N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Description
L6566BH
6/51
Doc ID 16610 Rev 2
1
Description
The L6566BH is an extremely versatile current-mode primary controller IC, specifically
designed for high-performance offline flyback converters running off rectified 3-phase input
lines. It is also suited to single-stage, single-switch, input-current-shaping converters
(single-stage PFC) for applications that must comply with EN61000-3-2 or JEITA-MITI
regulations.
Both fixed-frequency (FF) and quasi-resonant (QR) operation are supported. The user can
choose either of the two depending on application needs. The device features an externally
programmable oscillator: it defines the converter switching frequency in FF mode and the
maximum allowed switching frequency in QR mode.
When FF operation is selected, the ICs work as a standard current-mode controller with a
maximum duty cycle limited to 70% min. The oscillator frequency can be modulated to
mitigate EMI emissions.
QR operation, when selected, occurs at heavy load and is achieved through a transformer
demagnetization sensing input that triggers MOSFET turn-on. Under some conditions, ZVS
(zero-voltage switching) can be achieved. The converter’s power capability rise with the
mains voltage is compensated by line voltage feedforward. At medium and light load, as the
QR operating frequency equals the oscillator frequency, a function (valley skipping) is
activated to prevent further frequency rise and keep the operation as close to ZVS as
possible.
With either FF or QR operation, at very light load the ICs enter a controlled burst-mode
operation that, along with the built-in, non-dissipative, high-voltage startup circuit and the
low quiescent current, helps keep the consumption from the mains low and meet energy
saving recommendations.
An innovative adaptive UVLO helps minimize the issues related to the fluctuations of the
self-supply voltage due to transformer parasites.
The protection functions included in this device are: not-latched input undervoltage
(brownout), output OVP (auto-restart or latch-mode selectable), a first-level OCP with
delayed shutdown to protect the system during overload or short-circuit conditions (auto-
restart or latch-mode selectable), and a second-level OCP that is invoked when the
transformer saturates or there is a short-circuit of the secondary diode. A latched disable
input allows easy implementation of OTP with an external NTC, while an internal shutdown
prevents IC overheating.
Programmable soft-start, leading-edge blanking on the current sense input for greater noise
immunity, slope compensation (in FF mode only), and a shutdown function for externally
controlled burst-mode operation or remote ON/OFF control complete the features of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com