Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 50 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 43Page - STMicroelectronics SO16N Datasheet HTML 44Page - STMicroelectronics SO16N Datasheet HTML 45Page - STMicroelectronics SO16N Datasheet HTML 46Page - STMicroelectronics SO16N Datasheet HTML 47Page - STMicroelectronics SO16N Datasheet HTML 48Page - STMicroelectronics SO16N Datasheet HTML 49Page - STMicroelectronics SO16N Datasheet HTML 50Page - STMicroelectronics SO16N Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Revision history
L6566BH
50/51
Doc ID 16610 Rev 2
9
Revision history
Table 10.
Document revision history
Date
Revision
Changes
30-Nov-2009
1
First release
16-Apr-2012
2
Updated internal voltage reference: typical value from 800 V to 840 V
in the entire document.
Updated:
Table 2 and Table 4.
Added footnote 4 on
Table 4.
Updated
Figure 8. and Section 7: Package mechanical data.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com