Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 38 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 34Page - STMicroelectronics SO16N Datasheet HTML 35Page - STMicroelectronics SO16N Datasheet HTML 36Page - STMicroelectronics SO16N Datasheet HTML 37Page - STMicroelectronics SO16N Datasheet HTML 38Page - STMicroelectronics SO16N Datasheet HTML 39Page - STMicroelectronics SO16N Datasheet HTML 40Page - STMicroelectronics SO16N Datasheet HTML 41Page - STMicroelectronics SO16N Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Application information
L6566BH
38/51
Doc ID 16610 Rev 2
Figure 26.
Voltage sensing techniques to implement brownout protection with the
L6566BH
It is usually convenient to use a single divider to bias both the AC_OK and the VFF pins, as
shown in
Figure 26: this is possible because in all practical cases the voltage on the VFF pin
is lower than that on the AC_OK pin. Once RH and RL have been found, as suggested
above, and kopt, either calculated from (6) or (8) or experimentally found, RL is split as:
Equation 18
Circuit a) senses the input voltage bus (across the bulk capacitor, downstream of the bridge
rectifier); in this case, for a proper operation of the brownout function, VsenON must be lower
than the peak voltage at minimum mains and VsenOFF lower than the minimum voltage on
the input bulk capacitor at minimum mains and maximum load considering, if necessary,
holdup requirements during mains missing cycles as well. Brownout level is load-
dependent. In case of latched shutdown, when the input source is removed it is necessary
to wait until the bulk capacitor voltage falls below the start voltage of the HV generator
VHVstart in order for the unit to restart, which may take up to several seconds.
Circuit b) senses the mains voltage directly, upstream of the bridge rectifier. It can be
configured either for half-wave sensing (only the line/neutral wire is sensed) or full-wave
sensing (both neutral and line are sensed); in the first case, assuming CF is large enough,
the sensed voltage is equal to 1/
π the peak mains voltage, while in the second case it is
equal to 2/
π the peak mains voltage. CF needs to be quite a big capacitor (in the uF) to have
small residual ripple superimposed on the DC level; as a rule-of-thumb, use a time constant
RL ·CF at least 4-5 times the maximum line cycle period in case of half-wave sensing, 2-3
times in case of full-wave sensing. Then fine tune if needed, considering also transient
conditions such as mains missing cycles. Brownout level does not depend on the load.
When the input source is removed, CF is discharged after some ten ms then this circuit is
suitable for a quick restart after a latched shutdown.
The AC_OK pin is a high impedance input connected to high value resistors, therefore it is
prone to pick-up noise, which might alter the OFF threshold when the converter is running or
lead to undesired switch-off of the device during ESD tests. It is possible to bypass the pin to
ground with a small film capacitor (e.g. 1-10 nF) to prevent any malfunctioning of this kind.
AM11502v1
HV Input bus
AC_OK
16
RH
RL
VFF
15
Optional for
OVP settings
RL1
RL2
L6566BH
a)
b)
AC mains (L/N)
16
RH
RL
15
AC_OK
VFF
RL1
RL2
L6566BH
Optionalfor
OVP settings
AC mains (N/L)
RH
CF
()
2
L
L
1
L
H
L
opt
2
L
R
R
R
;
R
R
k
R
−
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com