Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 31 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 27Page - STMicroelectronics SO16N Datasheet HTML 28Page - STMicroelectronics SO16N Datasheet HTML 29Page - STMicroelectronics SO16N Datasheet HTML 30Page - STMicroelectronics SO16N Datasheet HTML 31Page - STMicroelectronics SO16N Datasheet HTML 32Page - STMicroelectronics SO16N Datasheet HTML 33Page - STMicroelectronics SO16N Datasheet HTML 34Page - STMicroelectronics SO16N Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
31/51
where
∆fsw and fm (in kHz, with CMOD in nF and RMOD in kΩ) are selected by the user as to
achieve the best compromise between attenuation of peak EMI emissions and clean
converter operation.
5.9
Latched disable function
The device is equipped with a comparator having the non-inverting input externally available
at the pin DIS (8) and with the inverting input internally referenced to 4.5 V. As the voltage
on the pin exceeds the internal threshold, the device is immediately shut down and its
consumption reduced to a low value.
The information is latched and it is necessary to let the voltage on the Vcc pin go below the
UVLO threshold to reset the latch and restart the device. To keep the latch supplied as long
as the converter is connected to the input source, the HV generator is activated periodically
so that Vcc oscillates between the startup threshold VCCON and VccON - 0.5 V. Activating the
HV generator in this way cuts its power dissipation approximately by three (as compared to
continuous conduction) and keeps peak silicon temperature close to the average value.
To let the L6566BH restart, it is then necessary to disconnect the converter from the input
source. Pulling pin 16 (AC_OK) below the disable threshold (see
Section 5.12: Brownout
protection) stops the HV generator until Vcc falls below VCCrestart, so that the latch can be
cleared and a quicker restart is allowed as the input source is removed. This operation is
shown in the timing diagram of
Figure 20.
This function is useful in order to implement a latched overtemperature protection very
easily by biasing the pin with a divider from VREF, where the upper resistor is an NTC
physically located close to a heating element like the MOSFET, or the transformer. The DIS
pin is a high impedance input, therefore it is prone to pick-up noise, which may lead to
undesired latch OFF of the device. It is possible to bypass the pin to ground with a small film
capacitor (e.g. 1-10 nF) to prevent any malfunctioning of this kind.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com