Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 16 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 12Page - STMicroelectronics SO16N Datasheet HTML 13Page - STMicroelectronics SO16N Datasheet HTML 14Page - STMicroelectronics SO16N Datasheet HTML 15Page - STMicroelectronics SO16N Datasheet HTML 16Page - STMicroelectronics SO16N Datasheet HTML 17Page - STMicroelectronics SO16N Datasheet HTML 18Page - STMicroelectronics SO16N Datasheet HTML 19Page - STMicroelectronics SO16N Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Application information
L6566BH
16/51
Doc ID 16610 Rev 2
5
Application information
The L6566BH is a versatile peak-current-mode PWM controller specific to offline flyback
converters. The device allows either fixed-frequency (FF) or quasi-resonant (QR) operation,
selectable with the MODE/SC pin (12): forcing the voltage on the pin over 3 V (e.g. by tying
it to the 5 V reference externally available at the VREF pin, 10) activates QR operation,
otherwise the device is FF-operated.
Irrespective of the operating option selected by pin 12, the device is able to work in different
modes, depending on the converter’s load conditions. If QR operation is selected (see
Figure 4):
1.
QR mode at heavy load. Quasi-resonant operation lies in synchronizing MOSFET turn-
on to the transformer’s demagnetization by detecting the resulting negative-going edge
of the voltage across any winding of the transformer. Then, the system works close to
the boundary between discontinuous (DCM) and continuous conduction (CCM) of the
transformer. As a result, the switching frequency is different for different line/load
conditions (see the hyperbolic-like portion of the curves in
Figure 4). Minimum turn-on
losses, low EMI emission and safe behavior in short-circuit are the main benefits of this
kind of operation.
2.
Valley-skipping mode at medium/ light load. The externally programmable oscillator of
the L6566BH, synchronized to MOSFET turn-on, enables the user to define the
maximum operating frequency of the converter. As the load is reduced, MOSFET turn-
on no longer occurs on the first valley but on the second one, the third one and so on.
In this way the switching frequency no longer increases (piecewise linear portion in
Figure 4).
3.
Burst-mode with no or very light load. When the load is extremely light or disconnected,
the converter enters a controlled on/off operation with constant peak current.
Decreasing the load then results in frequency reduction, which can go down even to
few hundred hertz, therefore minimizing all frequency-related losses and making it
easier to comply with energy saving regulations or recommendations. With the peak
current very low, no issue of audible noise arises.
Figure 4.
Multimode operation with QR option active
AM11480v1
0
0
fsw
Pinmax
Input voltage
Pin
fosc
Burst-mode
Valley-skipping
mode
Quasi-resonant mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com