Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 35 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 31Page - STMicroelectronics SO16N Datasheet HTML 32Page - STMicroelectronics SO16N Datasheet HTML 33Page - STMicroelectronics SO16N Datasheet HTML 34Page - STMicroelectronics SO16N Datasheet HTML 35Page - STMicroelectronics SO16N Datasheet HTML 36Page - STMicroelectronics SO16N Datasheet HTML 37Page - STMicroelectronics SO16N Datasheet HTML 38Page - STMicroelectronics SO16N Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
35/51
Figure 23.
OVP function: timing diagram
The value of RZ1 is such that the current sourced by the ZCD pin be within the rated
capability of the internal clamp:
Equation 14
where Vinmax is the maximum DC input voltage and Ns the turn number of the primary
winding. See
Section 5.2: Zero-current detection and triggering block; oscillator block for
additional details.
To reduce sensitivity to noise and prevent the latch from being erroneously activated, firstly
the OVP comparator is active only for a small time frame (typically, 0.5 µs) starting 2 µs after
MOSFET turn-off, to reject the voltage spike associated to the positive-going edges of the
voltage across the auxiliary winding Vaux; secondly, to stop the L6566BH, the OVP
comparator must be triggered for four consecutive switching cycles. A counter, which is
reset every time the OVP comparator is not triggered in one switching cycle, is provided for
this purpose.
Figure 22 shows the internal block diagram, while the timing diagrams in Figure 23 illustrate
the operation.
Note:
To use the OVP function effectively, i.e. to ensure that the OVP comparator is always
interrogated during MOSFET OFF-time, the duty cycle D under open loop conditions must
fulfill the following inequality:
AM11499v1
t
GD
(pin 4)
Vaux
5V
t
t
t
STROBE
t
COUNTER
RESET
t
COUNTER
STATUS
t
0
ZCD
(pin 11)
2 µs
0.5 µs
OVP
FAULT
00
0
0
11
22
00
11
22
33
4
0
E
R
U
L
I
A
F
P
O
O
L
K
C
A
B
D
E
E
F
E
C
N
A
B
R
U
T
S
I
D
Y
R
A
R
O
P
M
E
T
N
O
I
T
A
R
E
P
O
L
A
M
R
O
N
t
COUT
t
max
3
1
Z
Vin
Np
Naux
10
3
1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com