Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 24 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 20Page - STMicroelectronics SO16N Datasheet HTML 21Page - STMicroelectronics SO16N Datasheet HTML 22Page - STMicroelectronics SO16N Datasheet HTML 23Page - STMicroelectronics SO16N Datasheet HTML 24Page - STMicroelectronics SO16N Datasheet HTML 25Page - STMicroelectronics SO16N Datasheet HTML 26Page - STMicroelectronics SO16N Datasheet HTML 27Page - STMicroelectronics SO16N Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Application information
L6566BH
24/51
Doc ID 16610 Rev 2
prevent any malfunction during transients from minimum to maximum load the normal
(higher) UVLO threshold is re-established when the voltage at the COMP pin exceeds
VCOMPL and Vcc has exceeded the normal UVLO threshold (see Figure 13). The normal
UVLO threshold ensures that at full load the MOSFET is driven with a proper gate-to-source
voltage.
5.5
PWM control block
The device is specific to secondary feedback. Typically, there is a TL431 on the secondary
side and an optocoupler that transfers output voltage information to the PWM control on the
primary side, crossing the isolation barrier. The PWM control input (pin 9, COMP) is driven
directly by the phototransistor’s collector (the emitter is grounded to GND) to modulate the
duty cycle (
Figure 14, left-hand side circuit).
In applications where a tight output regulation is not required, it is possible to use a primary-
sensing feedback technique. In this approach the voltage generated by the self-supply
winding is sensed and regulated. This solution, shown in
Figure 14, right-hand side circuit,
is cheaper because no optocoupler or secondary reference is needed, but output voltage
regulation, especially as a result of load changes, is quite poor.
Figure 14.
Possible feedback configurations that can be used with the L6566BH
Figure 13.
Adaptive UVLO block
AM11489v1
VCOMPL
VCOMPO
VCOMP
(pin 9)
Vcc
(pin 5)
Q
VccOFF1
VccOFF2
t
t
t
(*) VccOFF2< VccOFF1is selected when Q is high
+
-
UVLO
Vcc OFF1
Vc c
L6566BH
COMP
R
S
Q
+
-
+
-
Vcc OFF2
(*)
SW
5
9
VCOMPL
VCOMPO
AM11490v1
Vout
TL431
L6566BH
9
COMP
L6566BH
5
Vcc
Naux
9
COMP
Cs
Secondary feedback
Primary feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com