Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 30 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 26Page - STMicroelectronics SO16N Datasheet HTML 27Page - STMicroelectronics SO16N Datasheet HTML 28Page - STMicroelectronics SO16N Datasheet HTML 29Page - STMicroelectronics SO16N Datasheet HTML 30Page - STMicroelectronics SO16N Datasheet HTML 31Page - STMicroelectronics SO16N Datasheet HTML 32Page - STMicroelectronics SO16N Datasheet HTML 33Page - STMicroelectronics SO16N Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Application information
L6566BH
30/51
Doc ID 16610 Rev 2
Figure 19.
Frequency modulation circuit
With reference to
Figure 19, the capacitor CMOD is connected from FMOD to ground and is
alternately charged and discharged between 0.5 and 1.5 V by internal current generators
sourcing and sinking the same current (three times the current defined by the resistor RT on
pin OSC). Therefore, the voltage across CMOD is a symmetric triangle, whose frequency fm
is determined by CMOD. By connecting a resistor RMOD from RMOD to OSC, the current
sourced by the OSC pin is modulated according to a triangular profile at a frequency fm. If
RMOD is considerably higher than RT, as is normal, both fm and the symmetry of the triangle
is little affected.
With this arrangement it is possible to set, nearly independently, the frequency deviation
∆fsw and the modulating frequency fm, which define the modulation index:
Equation 9
which is the parameter that the amplitude of the generated side-band harmonics depends
on.
The minimum frequency fsw_min (occurring on the peak of the triangle) and the maximum
frequency fsw_max (occurring on the valley of the triangle) is symmetrically placed around the
centre value fsw, so that:
Equation 10
Then, RT is found from (5) (see Section 5.2: Zero-current detection and triggering block;
oscillator block), while RMOD and CMOD can be calculated as follows:
Equation 11
AM11495v1
L6566BH
OSC
6
RT
FMOD
13
RMOD
CMOD
1.5 V
0.5 V
0 V
1 V
m
sw
f
f
=
β
sw
2
1
sw
max
_
sw
sw
2
1
sw
min
_
sw
f
f
f
;
f
f
f
+
=
=
sw
3
MOD
f
10
2
R
=
m
MOD
f
75
C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com