Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 26 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 22Page - STMicroelectronics SO16N Datasheet HTML 23Page - STMicroelectronics SO16N Datasheet HTML 24Page - STMicroelectronics SO16N Datasheet HTML 25Page - STMicroelectronics SO16N Datasheet HTML 26Page - STMicroelectronics SO16N Datasheet HTML 27Page - STMicroelectronics SO16N Datasheet HTML 28Page - STMicroelectronics SO16N Datasheet HTML 29Page - STMicroelectronics SO16N Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Application information
L6566BH
26/51
Doc ID 16610 Rev 2
Cycle-by-cycle current limitation is realized with a second comparator (OCP comparator)
that senses the voltage across the current sense resistor Rs as well and compares this
voltage to a reference value V
CSX. Its output is OR-ed with that of the PWM comparator (see
the circuit schematic in
Figure 17). In this way, if the programming signal delivered by the
feedforward block and sent to the PWM comparator exceeds V
CSX, it is the OCP comparator
to reset first the PWM latch instead of the PWM comparator. The value of Vcsx, thereby,
determines the overcurrent setpoint along with the sense resistor Rs.
The power that QR flyback converters with a fixed overcurrent setpoint (like fixed-frequency
systems) are able to deliver changes considerably with the input voltage. With wide-range
mains, at maximum line it can be more than twice the value at minimum line, as shown by
the upper curve in the diagram of
Figure 16. The device has the line feedforward function
available to solve this issue.
It acts on the overcurrent setpoint V
CSX, so that it is a function of the converter’s input voltage
Vin sensed through a dedicated pin (15, VFF): the higher the input voltage, the lower the
setpoint. This is illustrated in the diagram on the left-hand side of
Figure 17: it shows the
relationship between the voltage on the pin VFF and V
CSX (with the error amplifier saturated
high in the attempt to obtain output voltage regulation):
Equation 5
Figure 16.
Typical power capability change vs. input voltage in QR flyback
converters
Note:
If the voltage on the pin exceeds 3 V, switching ceases but the soft-start capacitor is not
discharged. The schematic in Figure 17 shows also how the function is included in the
control loop.
With a proper selection of the external divider R1-R2, i.e. of the ratio k = R2 / (R1+R2), it is
possible to achieve the optimum compensation described by the lower curve in the diagram
of
Figure 16.
The optimum value of k, kopt, which minimizes the power capability variation over the input
voltage range, is the one that provides equal power capability at the extremes of the range.
The exact calculation is complex, and non-idealities shift the real-world optimum value from
Vin
3
k
1
3
V
1
V
VFF
csx
−
=
−
=
AM11492v1
11.5
2
2.5
33.5
4
0.5
1
1.5
2
2.5
system optimally
compensated
system not
compensated
k = 0
k = kopt
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com