Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 34 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 30Page - STMicroelectronics SO16N Datasheet HTML 31Page - STMicroelectronics SO16N Datasheet HTML 32Page - STMicroelectronics SO16N Datasheet HTML 33Page - STMicroelectronics SO16N Datasheet HTML 34Page - STMicroelectronics SO16N Datasheet HTML 35Page - STMicroelectronics SO16N Datasheet HTML 36Page - STMicroelectronics SO16N Datasheet HTML 37Page - STMicroelectronics SO16N Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Application information
L6566BH
34/51
Doc ID 16610 Rev 2
is allowed to reach 2 Vbe over 5 V, the L6566BH is latched off. See
Section 5.9: Latched
disable function for more details on IC behavior under these conditions. If the impedance
externally connected to pin 15 is so low that the 5+2 VBE threshold cannot be reached or if
some means is provided to prevent that, the device is able to restart after the Vcc has
dropped below 5 V. Refer to
Section 6: Application examples and ideas (Table 7) for
additional information.
Figure 22.
OVP function: internal block diagram
The ZCD pin is connected to the auxiliary winding through a resistor divider RZ1, RZ2 (see
Figure 8). The divider ratio kOVP = RZ2 / (RZ1 + RZ2) is chosen equal to:
Equation 13
where VoutOVP is the output voltage value that is to activate the protection, Ns the turn
number of the secondary winding, and Naux the turn number of the auxiliary winding.
AM11498v1
Fault
2-bit
counter
R Q1
S
Monostable
M1
STROBE
OVP
COUT
2 µs
0.5 µs
Monostable
M2
-
+
5 V
ZCD
Counter
reset
FF
40kW
5pF
PWM latch
Q
Q
S
R
11
to triggering
block
L6566BH
Naux
Ns
Vout
5
k
OVP
OVP =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com