Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 40 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 36Page - STMicroelectronics SO16N Datasheet HTML 37Page - STMicroelectronics SO16N Datasheet HTML 38Page - STMicroelectronics SO16N Datasheet HTML 39Page - STMicroelectronics SO16N Datasheet HTML 40Page - STMicroelectronics SO16N Datasheet HTML 41Page - STMicroelectronics SO16N Datasheet HTML 42Page - STMicroelectronics SO16N Datasheet HTML 43Page - STMicroelectronics SO16N Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Table 5.
L6566BH light load management features
Feature
Description
Caused by
IC
behavior
VCC_restart
(V)
Consump.
(Iqdis,mA)
VREF
(V)
SS
VCOMP
(V)
OSC
(V)
FMOD
Burst
mode
Controlled ON-OFF
operation for low power
consumption at light load
VCOMP <
VCOMPBM - Hys
Pulse skipping
operation
N.A.
1.34 mA
5
Unchanged
VCOMPBM-HYS to
VCOMPBM
0/1
0
Table 6.
L6566BH protection
Protection
Description
Caused by
IC
behavior
Vcc
restart
(V)
IC Iq
(mA)
VREF
(V)
SS
VCOMP
(V)
OSC
(V)
FMOD
VFF
OVP
Output overvoltage
protection
VZCD>VZCDth for 4
consecutive
switching cycles
Auto
restart(1)
52.2
5(6)
Unchanged
(6)
0
0
0
Unchanged
VFF > VFFlatch
Latched
13.5
0.33
0
0
0
0
0
0
OLP
Output overload
protection
VCOMP =VCOMPHi
VSS > VSSDIS
Auto
restart(2)
51.46
5(6)
VSS
<VSSLAT
(3)
VCOMPHi
(6)
0
0
Unchanged
VCOMP =VCOMPHi
VSS > VSSLAT
Latched
13.5
0.33
0
0
0
0
0
0
Short-
circuit
protection
Output short-circuit
protection
VCOMP =VCOMPHi
VSS > VSSDIS
(4)
Auto
restart
51.46
0
VSS
<VSSLAT
(6)
VCOMPHi
(5)
0
Unchanged
VCOMP =VCOMPHi
VSS > VSSLAT
(6)
Latched
13.5
0.33
0
0
0
0
0
0
2nd OCP
Transformer saturation
or shorted secondary
diode protection
VCS > VCSDIS
for 2-3
consecutive
switching cycles
Latched
5
0.33
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com