Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 33 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 29Page - STMicroelectronics SO16N Datasheet HTML 30Page - STMicroelectronics SO16N Datasheet HTML 31Page - STMicroelectronics SO16N Datasheet HTML 32Page - STMicroelectronics SO16N Datasheet HTML 33Page - STMicroelectronics SO16N Datasheet HTML 34Page - STMicroelectronics SO16N Datasheet HTML 35Page - STMicroelectronics SO16N Datasheet HTML 36Page - STMicroelectronics SO16N Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
33/51
overload, the system has a power capability lower than that at nominal load but the output
current may be quite high and can overstress the output rectifier. In the case of FF operation
the capability is almost unchanged and both short-circuit and overload conditions are more
critical to handle.
The L6566BH, regardless of the operating option selected, makes it easier to handle such
conditions: the 2 V clamp on the SS pin is removed and a second internal current generator
ISS2 = ISS1 /4 continues to charge CSS. As the voltage reaches 5 V the device is disabled, if
it is allowed to reach 2 VBE over 5 V, the device is latched off. In the former case the
resulting behavior is identical to that of short-circuit illustrated in
Figure 7; in the latter case
the result is identical to that of
Figure 20. See Section 5.9: Latched disable function for
additional details.
A diode, with the anode to the SS pin and the cathode connected to the VREF pin (10), is
the simplest way to select either auto-restart mode or latch-mode behavior upon
overcurrent. If the overload disappears before the Css voltage reaches 5 V, the ISS2
generator is turned off and the voltage gradually brought back down to 2 V. Refer to
Section 6: Application examples and ideas (Table 7) for additional information.
If latch-mode behavior is desired also for converter short-circuit, make sure that the supply
voltage of the device does not fall below the UVLO threshold before activating the latch.
Figure 21 shows soft-start pin behavior under different operating conditions and with
different settings (latch-mode or auto-restart).
Note:
Unlike other PWM controllers provided with a soft-start pin, in the L6566BH grounding the
SS pin does not guarantee that the gate driver is disabled.
5.11
OVP block
The OVP function of the L6566BH monitors the voltage on the ZCD pin (11) in MOSFET
OFF-time, during which the voltage generated by the auxiliary winding tracks the converter’s
output voltage. If the voltage on the pin exceeds an internal 5 V reference, a comparator is
triggered, an overvoltage condition is assumed and the device is shut down. An internal
current generator is activated that sources 1 mA out of the VFF pin (15). If the VFF voltage
Figure 21.
Soft-start pin operation under different operating conditions and settings
AM11497v1
t
Vcc
(pin 5)
SS
(pin 14)
t
t
COMP
(pin 9)
START-UP
TEMPORARY
OVERLOAD
OVERLOAD
t
GD
(pin 4)
NORMAL
OPERATION
NORMAL
OPERATION
RESTART
here the IC
shuts down
here the IC
latches off
Vcc falls below UVLO
before latching off
SHUTDOWN
LATCHED
AUTORESTART
UVLO
2V
5V
5V+2Vbe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com