Electronic Components Datasheet Search
  English  ▼

X  

SO16N Datasheet(PDF) 18 Page - STMicroelectronics

Part # SO16N
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SO16N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SO16N Datasheet HTML 14Page - STMicroelectronics SO16N Datasheet HTML 15Page - STMicroelectronics SO16N Datasheet HTML 16Page - STMicroelectronics SO16N Datasheet HTML 17Page - STMicroelectronics SO16N Datasheet HTML 18Page - STMicroelectronics SO16N Datasheet HTML 19Page - STMicroelectronics SO16N Datasheet HTML 20Page - STMicroelectronics SO16N Datasheet HTML 21Page - STMicroelectronics SO16N Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Application information
L6566BH
18/51
Doc ID 16610 Rev 2
Figure 6.
Timing diagram: normal power-up and power-down sequences
As the Vcc voltage reaches the turn-on threshold (14 V typ.) the device starts operating and
the HV generator is cut off by the Vcc_OK signal asserted high. The device is powered by
the energy stored in the Vcc capacitor until the self-supply circuit (typically an auxiliary
winding of the transformer and a steering diode) develops a voltage high enough to sustain
the operation. The residual consumption of this circuit is just the one on the 15 M
Ω resistor
(
≈ 10 mW at 400 Vdc), typically 50-70 times lower, under the same conditions, as compared
to a standard startup circuit made with external dropping resistors.
At converter power-down the system loses regulation as soon as the input voltage is so low
that either peak current or maximum duty cycle limitation is tripped. Vcc then drops and
stops IC activity as it falls below the UVLO threshold (10 V typ.). The VCC_OK signal is de-
asserted as the Vcc voltage goes below a threshold VCCrest located at about 5 V. The HV
generator can now restart. However, if Vin < Vinstart, as illustrated in Figure 6, HV_EN is de-
asserted too and the HV generator is disabled. This prevents converter restart attempts and
ensures monotonic output voltage decay at power-down in systems where brownout
protection (see the relevant section) is not used.
The low restart threshold VCCrest ensures that, during short-circuits, the restart attempts of
the device have a very low repetition rate, as shown in the timing diagram of
Figure 7, and
that the converter works safely with extremely low power throughput.
AM11482v1
Vcc
(pin 5)
GD
(pin 4)
HV_EN
VccON
VccOFF
Vccrestart
t
t
t
t
Vin
VHVstart
Icharge
0.85 mA
t
t
cc_OK
Power-on
Power-off
Normal
operation
regulation is lost here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com