Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 441 page
background image
1- 2
MC68340 USER’S MANUAL
MOTOROLA
The primary features of the MC68340, illustrated in Figure 1-1, are as follows:
• High Functional Integration on a Single Piece of Silicon
• CPU32—MC68020-Derived 32-Bit Central Processor Unit
— Upward Object-Code Compatible with MC68000 and MC68010
— Additional MC68020 Instructions and Addressing Modes
— Unique Embedded Control Instructions
— Fast Two-Clock Register Instructions—10,045 Dhrystones
• Two-Channel Low-Latency DMA Controller for High-Speed Memory Transfers
— Single- or Dual-Address Transfers
— 32-Bit Addresses and Counters
— 8-, 16-, and 32-Bit Data Transfers
— 50 Mbyte/Sec Sustained Transfers (12.5 Mbyte/Sec Memory-to-Memory)
• Two-Channel Universal Synchronous/Asynchronous Receiver/Transmitter (USART)
— Baud Rate Generators
— Modem Control
— MC68681/MC2681 Compatible
— 9.8 Mbits/Sec Maximum Transfer Rate
• Two Independent Counter/Timers
— 16-Bit Counter
— Up to 8-Bit Prescaler
— Multimode Operation
— 80-ns Resolution
• System Integration Module Incorporates Many Functions Typically Relegated to
External PALs, TTL, and ASIC, such as:
— System Configuration
— External Bus Interface
— System Protection
— Periodic Interrupt Timer
— Chip Select and Wait State Generation — Interrupt Response
— Clock Generation
— Bus Arbitration
— Dynamic Bus Sizing
— IEEE 1149.1 Boundary Scan (JTAG)
— Up to 16 Discrete I/O Lines
— Power-On Reset
• 32 Address Lines, 16 Data Lines
• Power Consumption Control
— Static HCMOS Technology Reduces Power in Normal Operation
— Low Voltage Operation at 3.3 V
±0.3 V (MC68340V only)
— Programmable Clock Generator Throttles Frequency
— Unused Peripherals Can Be Turned Off
— LPSTOP Provides an Idle State for Lowest Standby Current
• 0–16.78 MHz or 0–25.16 MHz Operation
• 144-Pin Ceramic Quad Flat Pack (CQFP) or 145-Pin Plastic Pin Grid Array (PGA)
As a low voltage part, the MC68340V can operate with a 3.3-V power supply. MC68340 is
used throughout this manual to refer to both the low voltage and standard 5-V parts since
both are functionally equivalent.
1.1 M68300 FAMILY
The MC68340 is one of a series of components in the M68300 family. Other members of
the family include the MC68302, MC68330, MC68331, MC68332, and MC68333.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com