Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 21
proceeding to S4 and S5. To ensure that wait states are inserted, both
DSACK1 and
DSACK0 must remain negated throughout the asynchronous input setup and hold times
around the end of S2. If wait states are added, the MC68340 continues to sample
DSACK
≈ on the falling edges of the clock until one is recognized. The selected device
uses R/
W, DS, SIZ1/SIZ0, and A0 to latch data from the appropriate section(s) of D15–D8
and D7–D0. SIZ1/SIZ0 and A0 select the data bus sections. If it has not already done so,
the device asserts
DSACK
≈ when it has successfully stored the data.
State 4—The MC68340 issues no new control signals during S4.
State 5—The MC68340 negates
AS and DS during S5. It holds the address and data valid
during S5 to provide address hold time for memory systems. R/
W and FC3–FC0 also
remain valid throughout S5. If more than one write cycle is required, states S0–S5 are
repeated for each write cycle. The external device keeps
DSACK
≈ asserted until it detects
the negation of
AS or DS (whichever it detects first). The device must remove its data and
negate
DSACK
≈ within approximately one clock period after sensing the negation of AS
or
DS.
3.4 CPU SPACE CYCLES
FC3–FC0 select user and supervisor program and data areas. The area selected by FC3–
FC0 = $7 is classified as the CPU space. The breakpoint acknowledge, LPSTOP
broadcast, module base address register access, and interrupt acknowledge cycles
described in the following paragraphs use CPU space. The CPU space type, which is
encoded on A19–A16 during a CPU space operation, indicates the function that the
MC68340 is performing. On the MC68340, four of the encodings are implemented as
shown in Figure 3-10. All unused values are reserved by Motorola for additional CPU
space types.
0000000000000000000
T 0
BKPT#
19
16
CPU SPACE CYCLES
FUNCTION
CODE
BREAKPOINT
ACKNOWLEDGE
0
0 00000 11111 1 11111111111 0
19
16
0
ADDRESS BUS
1111 1 11111111111
1
LEVEL
19
16
0
CPU SPACE
TYPE FIELD
00000011111111110000000 0
19
16
0
111
0
LOW-POWER
STOP BROADCAST
111
0
INTERRUPT
ACKNOWLEDGE
11 1
0
11 1
0
MODULE BASE
ADDRESS
REGISTER ACCESS
0
0
3
3
3
3
0
0
0
0
0
0
0
0
0
0
31
31
111 1
1111
1 111
000 0
0000
00 00
00 0 0
31
31
Figure 3-10. CPU Space Address Encoding
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com