Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 441 page
background image
3- 10
MC68340 USER’S MANUAL
MOTOROLA
3.2.3.5 WORD OPERAND TO 16-BIT PORT, ALIGNED. The MC68340 drives the
address bus with the desired address and the size pins to indicate a word operand.
DSACK0
DSACK1
A0
SIZ0
SIZ1
1000
X
OP0
OP1
15
0
D0
D8
D15
D7
OP0
OP1
WORD OPERAND
DATA BUS
CYCLE 1
For a read operation, the slave responds by placing the data on bits 15–0 of the data bus
and asserting
DSACK1 to indicate a 16-bit port. When DSACK1 is asserted, the
MC68340 reads the data on the data bus and terminates the cycle.
For a write operation, the MC68340 drives the word operand on bits 15–0 of the data bus.
The slave device then reads the entire operand from bits 15–0 of the data bus and asserts
DSACK1 to terminate the bus cycle.
3.2.3.6 LONG-WORD OPERAND TO 8-BIT PORT, ALIGNED. The MC68340 drives the
address bus with the desired address and the SIZx pins to indicate a long-word operand.
DSACK0
DSACK1
A0
SIZ0
SIZ1
D0
D8
D15
D7
LONG-WORD OPERAND
DATA BUS
11110
10010
01110
00010
OP1
OP0
OP2
OP3
31
23
15
7
0
OP0
OP1
OP2
OP3
(OP1)
(OP1)
(OP3)
(OP3)
CYCLE 2
CYCLE 3
CYCLE 4
CYCLE 1
For a read operation, shown in Figure 3-3, the slave responds by placing the most
significant byte of the operand on bits 15–8 of the data bus and asserting
DSACK0 to
indicate an 8-bit port. The MC68340 reads the most significant byte of the operand (byte
0) from bits 15–8 and ignores bits 7–0. The MC68340 then decrements the transfer size
counter, increments the address, initiates a new cycle, and reads byte 1 of the operand
from bits 15–8 of the data bus. The MC68340 repeats the process of decrementing the
transfer size counter, incrementing the address, initiating a new cycle, and reading a byte
to transfer the remaining two bytes.
For a write operation, shown in Figure 3-4, the MC68340 drives the two most significant
bytes of the operand on bits 15–0 of the data bus. The slave device then reads only the
most significant byte of the operand (byte 0) from bits 15–8 of the data bus and asserts
DSACK0 to indicate reception and an 8-bit port. The MC68340 then decrements the
transfer size counter, increments the address, and writes byte 1 of the operand to bits
15–8 of the data bus. The MC68340 continues to decrement the transfer size counter,
increment the address, and write a byte to transfer the remaining two bytes to the slave
device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com