Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 15
If a system asserts
DSACK
≈ for the required window around the falling edge of S2 and
obeys the proper bus protocol by maintaining
DSACK
≈ (and/or BERR/HALT) until and
throughout the clock edge that negates
AS (with the appropriate asynchronous input hold
time), no wait states are inserted. The bus cycle runs at its maximum speed for bus cycles
terminated with
DSACK
≈ (three clocks per cycle). When BERR (or BERR and HALT) is
asserted after
DSACK
≈, BERR (and HALT) must meet the appropriate setup time prior to
the falling clock edge one clock cycle after
DSACK
≈ is recognized. This setup time is
critical, and the MC68340 may exhibit erratic behavior if it is violated. When operating
synchronously, the data-in setup and hold times for synchronous cycles may be used
instead of the timing requirements for data relative to
DS.
3.2.6 Fast Termination Cycles
With an external device that has a fast access time, the chip select circuit fast termination
enable (FTE) can provide a two-clock external bus transfer. Since the chip select circuits
are driven from the system clock, the bus cycle termination is inherently synchronized with
the system clock. Refer to Section 4 System Integration Module for more information on
chip selects.When fast termination is selected, the DD bits of the corresponding address
mask register are overridden. Fast termination can only be used with zero wait states. To
use the fast termination option, an external device should be fast enough to have data
ready, within the specified setup time, by the falling edge of S4. Figure 3-6 shows the
DSACK
≈ timing for a read with two wait states, followed by a fast termination read and
write. When using the fast termination option,
DS is asserted only in a read cycle, not in a
write cycle.
CLKOUT
R/W
S0
S2
SW
SW
S4
S0
S4
S0
S4
S0
AS
DS
DSACKx
D15–D0
S1
S3
S5
S1
S5
S1
S5
SW
*
SW
*
FAST
TERMINATION
READ
TWO WAIT STATES IN READ
* DSACKx only internally asserted for fast termination cycles.
FAST
TERMINATION
WRITE
Figure 3-6. Fast Termination Timing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com