Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
1- 9
requires only a 3.3-V power supply, reduces current consumption by 40–60% in all modes
of operation (as well as reducing noise emissions).
The MC68340 has many additional methods of dynamically controlling power
consumption during operation. The frequency of operation can be lowered under software
control to reduce current consumption when performance is less critical. Idle internal
peripheral modules can be turned off to save power (5–10% each). Running a special low
power stop (LPSTOP) instruction shuts down the active circuits in the CPU and peripheral
modules, halting instruction execution. Power consumption in this standby mode is
reduced to about 350
µW. Processing and power consumption can be resumed by
resetting the part or by generating an interrupt with the SIM40's periodic interrupt timer.
1.5 PHYSICAL
The MC68340 is available as 0–16.78 MHz and 0–25.16 MHz, 0
°C to +70°C and -40°C to
+85
°C, and 5.0 V ±5% and 3.3 V ±0.3 supply voltages (reduced frequencies at 3.3 V).
Thirty-two power and ground leads minimize ground bounce and ensure proper isolation
of different sections of the chip, including the clock oscillator. A 144 pins are used for
signals and power. The MC68340 is available in a gull-wing ceramic quad flat pack
(CQFP) with 25.6-mil (0.001-in) lead spacing or a 15
× 15 plastic pin grid array (PPGA)
with 0.1-in pin spacing.
1.6 COMPACT DISC-INTERACTIVE
The MC68340 was designed to meet the needs of many markets, including compact disc-
interactive (CD-I). CD-I is an emerging standard for a publishing medium that will bring
multimedia to a broad general audience—the consumer. CD-I players combine television
and stereo systems as output devices, with interactive control using a TV remote-control-
like device to provide a multimedia experience selected from software “titles” contained in
compressed form on standard compact discs.
The highly integrated MC68340 is ideal as the central processor for CD-I players. It
provides the M68000 microprocessor code compatibility and DMA functions required by
the
CD-I Green Book specification as well as many other useful on-chip functions for a
very cost-effective solution. The extra demands of full-motion video CD-I systems make
the best use of the MC68340 high performance. The MC68340 is CD-I compliant and has
been CD-I qualified. With its low voltage operation, the MC68340V is the only practical
choice for portable CD-I.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com