Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 441 page
background image
2- 10
MC68340 USER’S MANUAL
MOTOROLA
IPIPE
This active-low output signal is used to track movement of words through the instruction
pipeline.
DSO
This development serial output signal helps to provide serial communications for
background debug mode.
2.11.3 Breakpoint
(BKPT)
This pin functions as
BKPT in normal operation and as DSCLK in background debug
mode.
BKPT
This active-low input signal is used to signal a hardware breakpoint to the CPU32.
DSCLK
This development serial clock input helps to provide serial communications for
background debug mode.
2.11.4 Freeze (FREEZE)
Assertion of this active-high output signal indicates that the CPU32 has acknowledged a
breakpoint and has initiated background mode operation.
2.12 DMA MODULE SIGNALS
The following signals are used by the direct memory access (DMA) controller module to
provide external handshake for either a source or destination. See Section 6 DMA
Module for additional information on these signals.
2.12.1 DMA Request (
DREQ2, DREQ1)
This active-low input is asserted by a peripheral device to request an operand transfer
between that peripheral and memory. The assertion of
DREQ
≈ starts the DMA process.
The assertion level in external burst mode is level sensitive; in external cycle steal mode,
it is falling-edge sensitive.
2.12.2 DMA Acknowledge
(DACK2, DACK1)
This active-low output is asserted by the DMA to signal to a peripheral that an operand is
being transferred in response to a previous transfer request.
2.12.3 DMA Done (
DONE2, DONE1)
This active-low bidirectional signal is asserted by the DMA or a peripheral device during
any DMA bus cycle to indicate that the last data transfer is being performed.
DONE
≈ is an
active input in any mode. As an output, it is only active in external request mode. An
external pullup resistor is required even during operation in the internal request mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com