Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
2- 1
SECTION 2
SIGNAL DESCRIPTIONS
This section contains brief descriptions of the MC68340 input and output signals in their
functional groups as shown in Figure 2-1.
CPU32
CORE
TWO-CHANNEL
SERIAL
I/O
TWO-CHANNEL
DMA
CONTROLLER
TIMER
MODULE
IMB
RxDB
RxDA
TxDB
TxDA
CTSB
CTSA
PORT A
A31/PORT A7/IACK7
A30/PORT A6/IACK6
A29/PORT A5/IACK5
A28/PORT A4/IACK4
A27/PORT A3/IACK3
A26/PORT A2/IACK2
A25/PORT A1/IACK1
A24/PORT A0
PORT B
IRQ7/PORT B7
IRQ6/PORT B6
IRQ5/PORT B5
IRQ3/PORT B3
CS3/IRQ4/PORT B4
CS2/IRQ2/PORT B2
CS1/IRQ1/PORT B1
CS0/AVEC
MODCK/PORT B0
EXTERNAL
BUS
INTERFACE
BUS
ARBITRATION
CLOCK
SYSTEM
INTEGRATION
MODULE
TEST
A23–A0
FC3–FC0
D15–D0
RESET
BERR
HALT
AS
DS
R/W
SIZ1
SIZ0
DSACK1
DSACK0
BR
BG
BGACK
RMC
OUTPUT
PORT
TxRDYA/OP6
RxRDYA/FFULLA/OP4
RTSB/OP1
RTSA/OP0
TIMER
MODULE
Figure 2-1. Functional Signal Groups
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com