Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 441 page
background image
3- 32
MC68340 USER’S MANUAL
MOTOROLA
3.5 BUS EXCEPTION CONTROL CYCLES
The bus architecture requires assertion of
DSACK
≈ from an external device to signal that
a bus cycle is complete. Neither
DSACK
≈ nor AVEC is asserted in the following cases:
•
DSACK
≈/AVEC is programmed to respond internally.
• The external device does not respond.
• Various other application-dependent errors occur.
The MC68340 provides
BERR when no device responds by asserting DSACK
≈/AVEC
within an appropriate period of time after the MC68340 asserts
AS. This mechanism
allows the cycle to terminate and the MC68340 to enter exception processing for the error
condition.
HALT is also used for bus exception control. This signal can be asserted by an
external device for debugging purposes to cause single bus cycle operation, or, in
combination with
BERR, a retry of a bus cycle in error. To properly control termination of a
bus cycle for a retry or a bus error condition,
DSACK
≈, BERR, and HALT can be asserted
and negated with the rising edge of the MC68340 clock. This assures that when two
signals are asserted simultaneously, the required setup and hold time for both is met for
the same falling edge of the MC68340 clock. This or an equivalent precaution should be
designed into the external circuitry to provide these signals. Alternatively, the internal bus
monitor could be used. The acceptable bus cycle terminations for asynchronous cycles
are summarized in relation to
DSACK
≈ assertion as follows (case numbers refer to Table
3-4):
• Normal Termination:
DSACK
≈ is asserted; BERR and HALT remain negated (case 1).
• Halt Termination:
HALT is asserted at the same time as or before DSACKx, and
BERR remains negated (case 2).
• Bus Error Termination:
BERR is asserted in lieu of, at the same time as, or before
DSACK
≈ (case 3) or after DSACK≈ (case 4), and HALT remains negated; BERR is
negated at the same time as or after
DSACK
≈.
• Retry Termination:
HALT and BERR are asserted in lieu of, at the same time as, or
before
DSACK
≈ (case 5) or after DSACK≈ (case 6); BERR is negated at the same
time as or after
DSACK
≈, and HALT may be negated at the same time as or after
BERR.
Table 3-4 lists various combinations of control signal sequences and the resulting bus
cycle terminations. To ensure predictable operation,
BERR and HALT should be negated
according to the specifications given in Section 11 Electrical Characteristics.
DSACK
≈
BERR, and HALT may be negated after AS. If DSACK
≈ or BERR remain asserted into S2
of the next bus cycle, that cycle may be terminated prematurely.
EXAMPLE A: A system uses a bus monitor timer to terminate accesses to an unpopulated
address space. The timer asserts
BERR after timeout (case 3).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com