Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 441 page
background image
3- 28
MC68340 USER’S MANUAL
MOTOROLA
The interrupt acknowledge cycle is a read cycle. It differs from the read cycle described in
3.3.1 Read Cycle in that it accesses the CPU address space. Specifically, the differences
are as follows:
1. FC3–FC0 are set to $7 (FC3/FC2/FC1/FC0 = 0111) for CPU address space.
2. A3, A2, and A1 are set to the interrupt request level, and the
IACK
≈ strobe
corresponding to the current interrupt level is asserted. (Either the function codes
and address signals or the
IACK
≈ strobes can be monitored to determine that an
interrupt acknowledge cycle is in progress and the current interrupt level.)
3. The CPU32 space type field (A19–A16) is set to $F (interrupt acknowledge).
4. Other address signals (A31–A20, A15–A4, and A0) are set to one.
5. The SIZ0/SIZ1 and R/
W signals are driven to indicate a single-byte read cycle.
The responding device places the vector number on the least significant byte
of its data port (for an 8-bit port, the vector number must be on D15–D8; for a
16-bit port, the vector must be on D7–D0) during the interrupt acknowledge cycle.
The cycle is then terminated normally with
DSACK
≈.
Figure 3-14 is a flowchart of the interrupt acknowledge cycle; Figure 3-15 shows the
timing for an interrupt acknowledge cycle terminated with
DSACK
≈.
START NEXT CYCLE
RELEASE
1. NEGATE DSACKx
MC68340
INTERRUPTING DEVICE
REQUEST INTERRUPT
GRANT INTERRUPT
PROVIDE VECTOR NUMBER
ACQUIRE VECTOR NUMBER
1. LATCH VECTOR NUMBER
1. PLACE VECTOR NUMBER ON LEAST
SIGNIFICANT BYTE OF DATA BUS
2. ASSERT DSACKx (OR AVEC IF NO VECTOR
NUMBER)
2. NEGATE DS AND AS
1. SYNCHRONIZE IRQ7–IRQ1
2. COMPARE IRQ1–IRQ7 TO MASK LEVEL AND
WAIT FOR INSTRUCTION TO COMPLETE
3. PLACE INTERRUPT LEVEL ON A3–A1;
TYPE FIELD (A19–A16) = $F
4. SET R/W TO READ
5. SET FC3–FC0 TO 0111
6. DRIVE SIZE PINS TO INDICATE A ONE-BYTE
TRANSFER
7. ASSERT AS AND DS
8. ASSERT THE CORRESPONDING IACKx STROBE.
Figure 3-14. Interrupt Acknowledge Cycle Flowchart
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com