Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 441 page
background image
3- 48
MC68340 USER’S MANUAL
MOTOROLA
CLKOUT
VCO
LOCK
BUS
CYCLES
RESET
VCC
1
23
4
BUS STATE
UNKNOWN
ADDRESS AND
CONTROL SIGNALS
THREE-STATED
512
TCLKOUT
14 CLOCKS
≤
NOTES:
1. Internal start-up time.
2. SSP read here.
3. PC read here.
4. First instruction fetched here.
328
TCLKIN
××
Figure 3-28. Power-Up Reset Timing Diagram
When a RESET instruction is executed, the MC68340 drives the
RESET signal for 512
clock cycles. The SIM40 registers and the module control registers in each internal
peripheral module (DMA, timers, and serial modules) are not affected. All other peripheral
module registers are reset the same as for a hardware reset. The external devices
connected to the
RESET signal are reset at the completion of the RESET instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com